Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQS401EN Datasheet (PDF) - Vishay Siliconix

SQS401EN Datasheet PDF - Vishay Siliconix
Part # SQS401EN
Download  SQS401EN Download
File Size   577.26 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 60 V (D-S) 175 °C MOSFET

SQS401EN Datasheet (PDF)

Go To PDF Page Download Datasheet
SQS401EN Datasheet PDF - Vishay Siliconix

Part # SQS401EN
Download  SQS401EN Click to download

File Size   577.26 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive P-Channel 60 V (D-S) 175 °C MOSFET

SQS401EN Datasheet (HTML) - Vishay Siliconix


SQS401EN Product details

• TrenchFET® Power MOSFET
• PowerPAK® Package
- Low Thermal Resistance, RthJC
- Low 1.07 mm Profile
• AEC-Q101 Qualifiedd
• 100 % Rg and UIS Tested




Similar Part No. - SQS401EN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS401EN VISHAY-SQS401EN Datasheet
1Mb / 14P
Automotive P-Channel 40 V (D-S) MOSFET
31-Oct-11
SQS401EN VISHAY-SQS401EN Datasheet
604Kb / 13P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
10-Jan-2022
SQS401EN VISHAY-SQS401EN Datasheet
603Kb / 13P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
10-Jan-2022
SQS401EN-T1-GE3 VISHAY-SQS401EN-T1-GE3 Datasheet
564Kb / 13P
Automotive P-Channel 40 V (D-S) 175 °C MOSFET
31-Oct-11
SQS401EN-T1-GE3 VISHAY-SQS401EN-T1-GE3 Datasheet
1Mb / 14P
Automotive P-Channel 40 V (D-S) MOSFET
31-Oct-11
More results


Similar Description - SQS401EN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ3427EEV VISHAY-SQ3427EEV Datasheet
211Kb / 11P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
07-Nov-11
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
28-Nov-11
SQM50P06-15L VISHAY-SQM50P06-15L_15 Datasheet
163Kb / 10P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
30-Jul-12
SQM90P06-07L VISHAY-SQM90P06-07L_15 Datasheet
151Kb / 9P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
17-Mar-14
SQM110P068M9L VISHAY-SQM110P068M9L_15 Datasheet
175Kb / 10P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
22-Oct-12
SQM120P06-07L VISHAY-SQM120P06-07L_15 Datasheet
163Kb / 10P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
30-Jul-12
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
16-Jul-15
SQJA61EP VISHAY-SQJA61EP_V01 Datasheet
183Kb / 6P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
18-Apr-2022
SQD50P06-15L VISHAY-SQD50P06-15L_V02 Datasheet
155Kb / 8P
Automotive P-Channel 60 V (D-S) 175 °C MOSFET
20-Aug-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com