Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12-NSR Datasheet (PDF) - Naina Semiconductor ltd.

12-NSR Datasheet PDF - Naina Semiconductor ltd.
Part # 12-NSR
Download  12-NSR Download
File Size   138.58 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Standard Recovery Diodes (Stud Version), 12A

12-NSR Datasheet (PDF)

Go To PDF Page Download Datasheet
12-NSR Datasheet PDF - Naina Semiconductor ltd.

Part # 12-NSR
Download  12-NSR Click to download

File Size   138.58 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Standard Recovery Diodes (Stud Version), 12A

12-NSR Datasheet (HTML) - Naina Semiconductor ltd.




Similar Part No. - 12-NSR

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
12-NSFR NAINA-12-NSFR Datasheet
149Kb / 2P
Fast Recovery Diodes, 12A
More results


Similar Description - 12-NSR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
130HF IRF-130HF Datasheet
309Kb / 6P
STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
STANDARD RECOVERY DIODES Stud Version
SD600N IRF-SD600N Datasheet
264Kb / 8P
STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
16NS NAINA-16NS Datasheet
114Kb / 2P
Standard Recovery Diodes (Stud Version)
logo
Nell Semiconductor Co.,...
12DR12M NELLSEMI-12DR12M Datasheet
182Kb / 5P
Glass Passivated Standard Recovery Diodes (Stud Version), 12A
12FDR06A NELLSEMI-12FDR06A Datasheet
537Kb / 6P
Fast Recovery Diodes (Stud Version), 12A
logo
Naina Semiconductor ltd...
12NS NAINA-12NS_17 Datasheet
650Kb / 2P
Standard Recovery Diodes (Stud Version), 12A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com