Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHQ55A Datasheet (PDF) - Naina Semiconductor ltd.

NHQ55A Datasheet PDF - Naina Semiconductor ltd.
Part # NHQ55A
Download  NHQ55A Download
File Size   167.19 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Single Phase Half Controlled Bridge Rectifier, 55A

NHQ55A Datasheet (PDF)

Go To PDF Page Download Datasheet
NHQ55A Datasheet PDF - Naina Semiconductor ltd.

Part # NHQ55A
Download  NHQ55A Click to download

File Size   167.19 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Single Phase Half Controlled Bridge Rectifier, 55A

NHQ55A Datasheet (HTML) - Naina Semiconductor ltd.




Similar Part No. - NHQ55A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NHQ AMPHENOL-NHQ Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Renesas Technology Corp
NHQ006A RENESAS-NHQ006A Datasheet
789Kb / 41P
INTELLIGENT POWER DEVICE
NHQ006B RENESAS-NHQ006B Datasheet
789Kb / 41P
INTELLIGENT POWER DEVICE
NHQ006C RENESAS-NHQ006C Datasheet
789Kb / 41P
INTELLIGENT POWER DEVICE
NHQ008A RENESAS-NHQ008A Datasheet
804Kb / 41P
INTELLIGENT POWER DEVICE
More results


Similar Description - NHQ55A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VHF85 IXYS-VHF85 Datasheet
36Kb / 2P
Half Controlled Single Phase Rectifier Bridge, B2HKF
VHFD16 IXYS-VHFD16 Datasheet
86Kb / 3P
Half Controlled Single Phase Rectifier Bridge
L042 IXYS-L042 Datasheet
61Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHF15-08IO5 IXYS-VHF15-08IO5 Datasheet
95Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHFD29 IXYS-VHFD29 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge
logo
Powersem GmbH
PSBH25 POWERSEM-PSBH25 Datasheet
189Kb / 2P
Single Phase Half Controlled Rectifier Bridge
PSBZ36 POWERSEM-PSBZ36 Datasheet
182Kb / 2P
Single Phase Half Controlled Rectifier Bridge
logo
Naina Semiconductor ltd...
NHQ45A NAINA-NHQ45A Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 45A
NHQ70A NAINA-NHQ70A Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 70A
logo
MacMic
MMK35LB160HB MACMIC-MMK35LB160HB Datasheet
554Kb / 4P
Half Controlled Single Phase Rectifier Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com