Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHFD16 Datasheet (PDF) - IXYS Corporation

VHFD16 Datasheet PDF - IXYS Corporation
Part # VHFD16
Download  VHFD16 Download
File Size   86.28 Kbytes
Page   3 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Half Controlled Single Phase Rectifier Bridge

VHFD16 Datasheet (PDF)

Go To PDF Page Download Datasheet
VHFD16 Datasheet PDF - IXYS Corporation

Part # VHFD16
Download  VHFD16 Click to download

File Size   86.28 Kbytes
Page   3 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Half Controlled Single Phase Rectifier Bridge

VHFD16 Datasheet (HTML) - IXYS Corporation


VHFD16 Product details

VRRM = 800-1600 V

IdAVM = 21 A



Features

● Package with DCB ceramic base plate

● Isolation voltage 3600 V~

● Planar passivated chips

● Blocking voltage up to 1600 V

● Low forward voltage drop

● Leads suitable for PC board soldering

● UL registered E 72873



Applications

● Supply for DC power equipment

● DC motor control



Advantages

● Easy to mount with two screws

● Space and weight savings

● Improved temperature and power cycling



 




Similar Part No. - VHFD16

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VHFD29 IXYS-VHFD29 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHFD29-08IO1 IXYS-VHFD29-08IO1 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHFD29-12IO1 IXYS-VHFD29-12IO1 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHFD29-14IO1 IXYS-VHFD29-14IO1 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHFD29-16IO1 IXYS-VHFD29-16IO1 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge
More results


Similar Description - VHFD16

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VHF85 IXYS-VHF85 Datasheet
36Kb / 2P
Half Controlled Single Phase Rectifier Bridge, B2HKF
L042 IXYS-L042 Datasheet
61Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHF15-08IO5 IXYS-VHF15-08IO5 Datasheet
95Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHFD29 IXYS-VHFD29 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge
logo
Powersem GmbH
PSBH25 POWERSEM-PSBH25 Datasheet
189Kb / 2P
Single Phase Half Controlled Rectifier Bridge
PSBZ36 POWERSEM-PSBZ36 Datasheet
182Kb / 2P
Single Phase Half Controlled Rectifier Bridge
logo
Naina Semiconductor ltd...
NHQ45A NAINA-NHQ45A Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 45A
NHQ55A NAINA-NHQ55A Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 55A
NHQ70A NAINA-NHQ70A Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 70A
logo
MacMic
MMK35LB160HB MACMIC-MMK35LB160HB Datasheet
554Kb / 4P
Half Controlled Single Phase Rectifier Bridge
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com