Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77019 Datasheet (PDF) - NEC

UPD77019 Datasheet PDF - NEC
Part # UPD77019
Download  UPD77019 Download
File Size   361.56 Kbytes
Page   56 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16 bits, Fixed-point Digital Signal Processor

UPD77019 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD77019 Datasheet PDF - NEC

Part # UPD77019
Download  UPD77019 Click to download

File Size   361.56 Kbytes
Page   56 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16 bits, Fixed-point Digital Signal Processor

UPD77019 Datasheet (HTML) - NEC


UPD77019 Product details

16 bits, Fixed-point Digital Signal Processor



µPD77018A, 77019 are 16 bits fixed-point DSPs (Digital Signal Processors) developed for digital signal processing with its demand for high speed and precision.

Maximum operating speed of the µPD77018A, 77019 is improved compared with the µPD77015, 77017, 77018. And the µPD77019 internal instruction RAM (4K ×32 bits) is suitable for program code replacement.



FEATURES

• FUNCTIONS

• Instruction cycle: 16.6 ns (MIN.)

  Operation clock: 60 MHz

  External clock: 60, 30, 20, 15, 7.5 MHz

  Crystal: 60 MHz

• On-chip PLL to provide higher operation clock than the external clock

• Dual load/store

• Hardware loop function

• Conditional execution

• Executes product-sum operation in one instruction cycle

• PROGRAMMING

• 16 bits ×16 bits + 40 bits →40 bits multiply accumulator

• 8 general registers (40 bits each)

• 8 ROM/RAM data pointer: each data memory area has 4 registers

• 10 source interrupts (external: 4, internal: 6)

• 3 operand instructions (example: R0 = R0 +R1L∗R2L)

• Nonpipeline on execution stage

• MEMORY AREAS

• Instruction memory area : 64K words ×32 bits

• Data memory areas : 64K words ×16 bits × 2 (X memory, Y memory)




Similar Part No. - UPD77019

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD77019 RENESAS-UPD77019 Datasheet
394Kb / 58P
MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD77019-013 NEC-UPD77019-013 Datasheet
261Kb / 56P
16 bits, Fixed-point Digital Signal Processor
logo
Renesas Technology Corp
UPD77019-013 RENESAS-UPD77019-013 Datasheet
399Kb / 58P
MOS INTEGRATED CIRCUIT
1998
logo
NEC
UPD77019GC-013-9EU NEC-UPD77019GC-013-9EU Datasheet
261Kb / 56P
16 bits, Fixed-point Digital Signal Processor
logo
Renesas Technology Corp
UPD77019GC-013-9EU RENESAS-UPD77019GC-013-9EU Datasheet
399Kb / 58P
MOS INTEGRATED CIRCUIT
1998
More results


Similar Description - UPD77019

ManufacturerPart #DatasheetDescription
logo
NEC
UPD77015 NEC-UPD77015 Datasheet
424Kb / 60P
16 bits, Fixed-point Digital Signal Processor
UPD77016 NEC-UPD77016 Datasheet
250Kb / 56P
16 bits, Fixed-point Digital Signal Processor
UPD77019-013 NEC-UPD77019-013 Datasheet
261Kb / 56P
16 bits, Fixed-point Digital Signal Processor
logo
Texas Instruments
TMS320LC549 TI-TMS320LC549 Datasheet
791Kb / 61P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5410 TI-TMS320VC5410 Datasheet
1Mb / 79P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5420 TI-TMS320VC5420 Datasheet
1Mb / 77P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
logo
Zilog, Inc.
Z89462 ZILOG-Z89462 Datasheet
104Kb / 8P
16-BIT, FIXED-POINT DIGITAL SIGNAL PROCESSOR
logo
NEC
UPD77115 NEC-UPD77115 Datasheet
475Kb / 56P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
UPD77210 NEC-UPD77210 Datasheet
467Kb / 74P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
logo
Renesas Technology Corp
PD77210 RENESAS-PD77210_15 Datasheet
575Kb / 76P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com