Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78363A Datasheet (PDF) - NEC

UPD78363A Datasheet PDF - NEC
Part # UPD78363A
Download  UPD78363A Download
File Size   502.47 Kbytes
Page   96 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16/8-BIT SINGLE-CHIP MICROCONTROLLERS

UPD78363A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD78363A Datasheet PDF - NEC

Part # UPD78363A
Download  UPD78363A Click to download

File Size   502.47 Kbytes
Page   96 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16/8-BIT SINGLE-CHIP MICROCONTROLLERS

UPD78363A Datasheet (HTML) - NEC


UPD78363A Product details

DESCRIPTION

µPD78366A is provided with a high-speed, high-performance CPU and powerful operation functions. Unlike the existing µPD78328, µPD78366A is also provided with a high-resolution PWM signal output function which substantially contributes to improving the performance of the inverter control. A PROM model, µPD78P368A, is also available. Detailed functions, etc. are



FEATURES

• Internal 16-bit architecture, external 8-bit data bus

• High-speed processing by pipeline control method and high- speed operating clock

• Minimum instruction execution time: 125 ns (internal clock: at 16 MHz, external clock: 8 MHz)

• Real-time pulse unit for inverter control

• 10-bit resolution A/D converter: 8 channels

• 8-/9-/10-/12-bit resolution variable PWM signal output function: 2 channels

• Powerful serial interface: 2 channels

• Internal memory:

ROM: none (µPD78365A)

        24K bytes (µPD78363A)

        32K bytes (µPD78366A)

        48K bytes (µPD78368A)

RAM: 768 bytes (µPD78363A)

       2K bytes (µPD78365A, 78366A, 78368A)




Similar Part No. - UPD78363A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78363A RENESAS-UPD78363A Datasheet
672Kb / 98P
MOS INTEGRATED CIRCUIT
1995
UPD78363AGF-XXX-3B9 RENESAS-UPD78363AGF-XXX-3B9 Datasheet
672Kb / 98P
MOS INTEGRATED CIRCUIT
1995
More results


Similar Description - UPD78363A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
16-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
16-Bit Single-Chip Microcontrollers
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com