Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD784218 Datasheet (PDF) - NEC

UPD784218 Datasheet PDF - NEC
Part # UPD784218
Download  UPD784218 Download
File Size   617.75 Kbytes
Page   92 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-/8-BIT SINGLE-CHIP MICROCONTROLLERS

UPD784218 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD784218 Datasheet PDF - NEC

Part # UPD784218
Download  UPD784218 Click to download

File Size   617.75 Kbytes
Page   92 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-/8-BIT SINGLE-CHIP MICROCONTROLLERS

UPD784218 Datasheet (HTML) - NEC


UPD784218 Product details

DESCRIPTION
The µPD784218 is a member of the µPD784218 Subseries of the 78K/IV Series. In addition to a high-speed and high-performance CPU, the µPD784218 incorporates a variety of peripheral hardware such as ROM, RAM, I/O ports, 8-bit resolution A/D and D/A converters, timers, serial interfaces, real-time output ports, and an interrupt function.
The µPD784218YNote is the µPD784218 Subseries with a multi-master supporting I2C bus interface added.
Flash memory versions, the µPD78F4218 and 78F4218Y, which can operate in the same voltage range as the mask ROM versions, and various development tools are also available.

FEATURES
• On-chip ROM correction function
• Inherits peripheral functions of µPD78078Y Subseries
• Minimum instruction execution time 160 ns (@ fXX = 12.5 MHz operation with main system clock) 61 µs (@ fXT = 32.768 kHz operation with subsystem clock)
• Internal high-capacity memory · ROM: 256 KB · RAM: 12,800 bytes
• I/O ports: 86
• Timer/counters: 16-bit timer/event counter × 1 unit 8-bit timer/event counter × 6 units
• Serial interfaces: 3 channels UART/IOE (3-wire serial I/O): 2 channels CSI (3-wire serial I/O, multi-master supporting I2C busNote): 1 channel
• Standby function HALT/STOP/IDLE mode In power-saving mode: HALT/IDLE mode (with subsystem clock)
• Clock division function
• Watch timer: 1 channel
• Watchdog timer: 1 channel
• Clock output function Selectable from fXX, fXX/2, fXX/22, fXX/23, fXX/24, fXX/25, fXX/26, fXX/27, fXT
• Buzzer output function Selectable from fXX/210, fXX/211, fXX/212, fXX/213
• A/D converter: 8-bit resolution × 8 channels
• D/A converter: 8-bit resolution × 2 channels
• Supply voltage: VDD = 2.2 to 5.5 V




Similar Part No. - UPD784218

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784218 NEC-UPD784218 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784218 NEC-UPD784218 Datasheet
3Mb / 733P
16-Bit Single-Chip Microcontrollers
UPD784218A NEC-UPD784218A Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218A NEC-UPD784218A Datasheet
349Kb / 60P
MOS INTEGRATED CIRCUIT
UPD784218A NEC-UPD784218A Datasheet
371Kb / 52P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Similar Description - UPD784218

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
16-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
16-Bit Single-Chip Microcontrollers
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com