Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF3310 Datasheet (PDF) - LOGIC Devices Incorporated

LF3310 Datasheet PDF - LOGIC Devices Incorporated
Part # LF3310
Download  LF3310 Download
File Size   287.28 Kbytes
Page   21 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description Horizontal / Vertical Digital Image Filter

LF3310 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF3310 Datasheet PDF - LOGIC Devices Incorporated

Part # LF3310
Download  LF3310 Click to download

File Size   287.28 Kbytes
Page   21 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description Horizontal / Vertical Digital Image Filter

LF3310 Datasheet (HTML) - LOGIC Devices Incorporated


LF3310 Product details

DESCRIPTION
The LF3310 is a two-dimensional digital image filter capable of filtering data at real-time video rates. The device contains both a horizontal and a vertical filter which may be cascaded or used concurrently for two-dimensional filtering. The input, coefficient, and output data are all 12-bits and in two’s complement format.

FEATURES
❑ 83 MHz Data Rate
❑ 12-bit Data and Coefficients
❑ On-board Memory for 256 Horizontal and Vertical Coefficient Sets
❑ LF InterfaceTM Allows All 512 Coefficient Sets to be Updated Within Vertical Blanking
❑ Selectable 12-bit Data Output with User-Defined Rounding and Limiting
❑ Seven 3K x 12-bit, Programmable Two-Mode Line Buffers
❑ 16 Horizontal Filter Taps
❑ 8 Vertical Filter Taps
❑ Two Operating Modes: Dimensionally Separate and Orthogonal
❑ Supports Interleaved Data Streams
❑ Horizontal Filter Supports Decimation up to 16:1 for Increasing Number of Filter Taps
❑ 3.3 Volt Power Supply
❑ 5 Volt Tolerant I/O
❑ 144 Lead PQFP




Similar Part No. - LF3310

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
Horizontal / Vertical Digital Image Filter
LF3312 LODEV-LF3312 Datasheet
940Kb / 33P
12-Mbit Frame Buffer / FIFO
More results


Similar Description - LF3310

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
Horizontal Digital Image Filter
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
Vertical Digital Image Filter
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
8-Bit Vertical Digital Image Filter
logo
NXP Semiconductors
SAA9069 PHILIPS-SAA9069 Datasheet
281Kb / 8P
DIGITAL VERTICAL FILTER(DVF)
January 1988
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
Horizontal Digital Image Filter Improved Performance
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
Horizontal / Vertical Digital Image Filter
logo
ON Semiconductor
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
Digital Image Sensor
Rev. J Pub. 4/15 EN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com