Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF3320 Datasheet (PDF) - LOGIC Devices Incorporated

LF3320 Datasheet PDF - LOGIC Devices Incorporated
Part # LF3320
Download  LF3320 Download
File Size   575.31 Kbytes
Page   24 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description Horizontal Digital Image Filter

LF3320 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF3320 Datasheet PDF - LOGIC Devices Incorporated

Part # LF3320
Download  LF3320 Click to download

File Size   575.31 Kbytes
Page   24 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description Horizontal Digital Image Filter

LF3320 Datasheet (HTML) - LOGIC Devices Incorporated


LF3320 Product details

DESCRIPTION
The LF3320 filters digital images in the horizontal dimension at real-time video rates. The input and coefficient data are both 12 bits and in two’s complement format. The output is also in two’s complement format and may be rounded to 16 bits.

FEATURES
❑ 83 MHz Data Rate
❑ 12-bit Data or Coefficients (Expandable to 24-bit)
❑ 32-Tap FIR Filter, Cascadable for More Filter Taps
❑ Over 49 K-bits of on-board Memory
❑ LF InterfaceTM Allows All 256 Coefficient Sets to be Updated Within Vertical Blanking
❑ Various Operating Modes: Dual Filter, Single Filter, Double Wide Data or Coefficient, Matrix Multiplication, and Accumulator Access.
❑ Selectable 16-bit Data Output with User-Defined Rounding and Limiting
❑ Supports Interleaved Data Streams
❑ Supports Decimation up to 16:1 for Increasing Number of Filter Taps
❑ 3.3 Volt Supply
❑ 144 Lead PQFP




Similar Part No. - LF3320

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
Horizontal Digital Image Filter Improved Performance
More results


Similar Description - LF3320

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
2D Digital Image Filter
logo
LOGIC Devices Incorpora...
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
Horizontal / Vertical Digital Image Filter
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
Vertical Digital Image Filter
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
8-Bit Vertical Digital Image Filter
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
Horizontal Digital Image Filter Improved Performance
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
Horizontal / Vertical Digital Image Filter
logo
ON Semiconductor
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
Digital Image Sensor
Rev. G Pub. 5/15 EN
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
Digital Image Sensor
Rev. J Pub. 4/15 EN
MT9P111 ONSEMI-MT9P111 Datasheet
1Mb / 67P
Digital Image Sensor
Rev. G Pub. 5/15 EN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com