Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF3347 Datasheet (PDF) - LOGIC Devices Incorporated

LF3347 Datasheet PDF - LOGIC Devices Incorporated
Part # LF3347
Download  LF3347 Download
File Size   80.98 Kbytes
Page   10 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description High-Speed Image Filter with Coefficient RAM

LF3347 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF3347 Datasheet PDF - LOGIC Devices Incorporated

Part # LF3347
Download  LF3347 Click to download

File Size   80.98 Kbytes
Page   10 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description High-Speed Image Filter with Coefficient RAM

LF3347 Datasheet (HTML) - LOGIC Devices Incorporated


LF3347 Product details

DESCRIPTION
The LF3347 consists of an array of four 12 x 12-bit registered multipliers followed by two summers and a 32-bit accumulator. The LF3347 provides four 256 x 12-bit coefficient banks which are capable of storing 256 different sets of filter coefficients for the multiplier array. All multiplier data inputs are user accessible and can be updated every clock cycle with two’s complement data. The pipelined architecture has fully registered input and output ports and an asynchronous three-state output enable control to simplify the design of complex systems.

FEATURES
❑ 83 MHz Data Input and Computation Rate
❑ Four 12 x 12-bit Multipliers with Individual Data and Coefficient Inputs
❑ Four 256 x 12-bit Coefficient Banks
❑ 32-bit Accumulator
❑ Selectable 16-bit Data Output with User-Defined Rounding and Limiting
❑ Two’s Complement Operands
❑ 3.3 Volt Power Supply
❑ 5 Volt Tolerant I/O
❑ 120-pin PQFP




Similar Part No. - LF3347

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3304 LODEV-LF3304 Datasheet
130Kb / 12P
Dual Line Buffer/FIFO
LF3304QC10 LODEV-LF3304QC10 Datasheet
130Kb / 12P
Dual Line Buffer/FIFO
LF3304QC12 LODEV-LF3304QC12 Datasheet
130Kb / 12P
Dual Line Buffer/FIFO
LF3304QC15 LODEV-LF3304QC15 Datasheet
130Kb / 12P
Dual Line Buffer/FIFO
LF3310 LODEV-LF3310 Datasheet
287Kb / 21P
Horizontal / Vertical Digital Image Filter
More results


Similar Description - LF3347

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF2247 LODEV-LF2247 Datasheet
259Kb / 10P
Image Filter with Coefficient RAM
logo
Hamamatsu Corporation
C9546 HAMAMATSU-C9546 Datasheet
386Kb / 8P
HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
High Speed CMOS Image Sensor
LUPA-1300 CYPRESS-LUPA-1300_09 Datasheet
948Kb / 32P
1.3MPxl High Speed CMOS Image Sensor
logo
Integrated Device Techn...
IDT7006SL IDT-IDT7006SL Datasheet
188Kb / 20P
HIGH-SPEED HIGH-SPEED STATIC RAM
logo
Hamamatsu Corporation
C10880-03C HAMAMATSU-C10880-03C_15 Datasheet
465Kb / 4P
HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
C9548 HAMAMATSU-C9548_15 Datasheet
397Kb / 4P
HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
logo
ON Semiconductor
NOM02A4-AR03G ONSEMI-NOM02A4-AR03G Datasheet
267Kb / 9P
High-Speed Contact Image Sensor Module
March, 2012 ??Rev. 1
NOM02A6-AW49G ONSEMI-NOM02A6-AW49G Datasheet
267Kb / 9P
High-Speed Contact Image Sensor Module
June, 2010 ??Rev. 0
NOIL2SM1300A ONSEMI-NOIL2SM1300A_15 Datasheet
773Kb / 44P
High Speed CMOS Image Sensor
July, 2015 ??Rev. 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com