Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF43881 Datasheet (PDF) - LOGIC Devices Incorporated

LF43881 Datasheet PDF - LOGIC Devices Incorporated
Part # LF43881
Download  LF43881 Download
File Size   82.52 Kbytes
Page   11 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 8 x 8-bit Digital Filter

LF43881 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF43881 Datasheet PDF - LOGIC Devices Incorporated

Part # LF43881
Download  LF43881 Click to download

File Size   82.52 Kbytes
Page   11 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 8 x 8-bit Digital Filter

LF43881 Datasheet (HTML) - LOGIC Devices Incorporated


LF43881 Product details

DESCRIPTION
The LF43881 is a video-speed digital filter that contains eight filter cells (taps) cascaded internally and a shift-and-add output stage. An 8 x 8 multiplier, three decimation registers, and a 26-bit accumulator are contained in each filter cell. The output stage of the LF43881 contains a 26-bit accumulator which can add the contents of any filter stage to the output stage accumulator shifted right by 8 bits. 8-bit unsigned or two’s complement format for data and coefficients can be independently selected.

FEATURES
❑ 25 MHz Maximum Sampling Rate
❑ 320 MHz Multiply-Accumulate Rate
❑ 8 Filter Cells
❑ 8-bit Unsigned or Two’s Complement Data
❑ 8-bit Unsigned or Two’s Complement Coefficients
❑ 26-bit Data Outputs
❑ Shift-and-Add Output Stage for Combining Filter Outputs
❑ Expandable Data Size, Coefficient Size, and Filter Length
❑ User-Selectable 2:1, 3:1, or 4:1 Decimation
❑ Replaces Harris HSP43881
❑ 84-pin PLCC, J-Lead




Similar Part No. - LF43881

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF43891 LODEV-LF43891 Datasheet
79Kb / 11P
9 x 9-bit Digital Filter
LF43891JC33 LODEV-LF43891JC33 Datasheet
79Kb / 11P
9 x 9-bit Digital Filter
LF43891JC40 LODEV-LF43891JC40 Datasheet
79Kb / 11P
9 x 9-bit Digital Filter
More results


Similar Description - LF43881

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
8-Bit Vertical Digital Image Filter
LMU08 LODEV-LMU08 Datasheet
176Kb / 7P
8 x 8-bit Parallel Multiplier
logo
Samsung semiconductor
K9WAG08U1M SAMSUNG-K9WAG08U1M Datasheet
1Mb / 49P
1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
2048 X 8 - BIT / 4096 X 8 - BIT EPROM
logo
Samsung semiconductor
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WAG08U1A_067 SAMSUNG-K9WAG08U1A_067 Datasheet
1Mb / 50P
1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9XXG08UXA SAMSUNG-K9XXG08UXA_06 Datasheet
1Mb / 50P
1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9WBG08U1M SAMSUNG-K9WBG08U1M Datasheet
1Mb / 67P
2G x 8 Bit / 4G x 8 Bit / 8G x 8 Bit NAND Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com