Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF43891 Datasheet (PDF) - LOGIC Devices Incorporated

LF43891 Datasheet PDF - LOGIC Devices Incorporated
Part # LF43891
Download  LF43891 Download
File Size   79.75 Kbytes
Page   11 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 9 x 9-bit Digital Filter

LF43891 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF43891 Datasheet PDF - LOGIC Devices Incorporated

Part # LF43891
Download  LF43891 Click to download

File Size   79.75 Kbytes
Page   11 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description 9 x 9-bit Digital Filter

LF43891 Datasheet (HTML) - LOGIC Devices Incorporated


LF43891 Product details

DESCRIPTION
The LF43891 is a video-speed digital filter that contains eight filter cells (taps) cascaded internally and a shift-and-add output stage. A 9 x 9 multiplier, three decimation registers, and a 26-bit accumulator are contained in each filter cell. The output stage of the LF43891 contains a 26-bit accumulator which can add the contents of any filter stage to the output stage accumulator shifted right by 8 bits. 8-bit unsigned or 9-bit two’s complement format for data and coefficients can be independently selected.

FEATURES
❑ 30 MHz Maximum Sampling Rate
❑ 320 MHz Multiply-Accumulate Rate
❑ 8 Filter Cells
❑ 8-bit Unsigned or 9-bit Two’s Complement Data/Coefficients
❑ 26-bit Data Outputs
❑ Shift-and-Add Output Stage for Combining Filter Outputs
❑ Expandable Data Size, Coefficient Size, and Filter Length
❑ User-Selectable 2:1, 3:1, or 4:1 Decimation
❑ Replaces Harris HSP43891
❑ 84-pin PLCC, J-Lead




Similar Part No. - LF43891

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF43881 LODEV-LF43881 Datasheet
82Kb / 11P
8 x 8-bit Digital Filter
LF43881JC40 LODEV-LF43881JC40 Datasheet
82Kb / 11P
8 x 8-bit Digital Filter
More results


Similar Description - LF43891

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
logo
Texas Instruments
LM77 TI1-LM77_15 Datasheet
1Mb / 24P
9-Bit Sign Digital Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com