Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF48908 Datasheet (PDF) - LOGIC Devices Incorporated

LF48908 Datasheet PDF - LOGIC Devices Incorporated
Part # LF48908
Download  LF48908 Download
File Size   315.49 Kbytes
Page   16 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description Two Dimensional Convolver

LF48908 Datasheet (PDF)

Go To PDF Page Download Datasheet
LF48908 Datasheet PDF - LOGIC Devices Incorporated

Part # LF48908
Download  LF48908 Click to download

File Size   315.49 Kbytes
Page   16 Pages
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated
Description Two Dimensional Convolver

LF48908 Datasheet (HTML) - LOGIC Devices Incorporated


LF48908 Product details

DESCRIPTION
The LF48908 is a high-speed two dimensional convolver that implements a 3 x 3 kernel convolution at real-time video rates. Programmable row buffers are located on-chip, eliminating the need for external data storage. Each row buffer can store up to 1024 pixels. Two internal register banks are provided allowing two separate sets of filter coefficients to be stored simultaneously. Adaptive filter operations are possible when both register banks are used. An on-chip ALU is provided, allowing real-time arithmetic and logical pixel point operations to be performed on the image data.

FEATURES
❑ 40 MHz Data and Computation Rate
❑ Nine Multiplier Array with 8-bit Data and 8-bit Coefficient Inputs
❑ Separate Cascade Input and Output Ports
❑ On-board Programmable Row Buffers
❑ Two Coefficient Mask Registers
❑ On-board 8-bit ALU
❑ Two’s Complement or Unsigned Operands
❑ Replaces Harris HSP48908
❑ DECC SMD No. 5962-93007
❑ Package Styles Available:
    • 84-pin Plastic LCC, J-Lead
    • 100-pin Plastic Quad Flatpack




Similar Part No. - LF48908

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
LF48-1A NEUTRIK-LF48-1A Datasheet
97Kb / 3P
48 way Longframe B-Gauge Patch Panel, red front panel, extra rugged jack sockets which allow customized normalling
LF48-1D NEUTRIK-LF48-1D Datasheet
100Kb / 3P
48 way Longframe B-Gauge Patch Panel, blue front panel, extra rugged jack sockets which allow customized normalling
LF48-1O NEUTRIK-LF48-1O Datasheet
89Kb / 3P
48 way Longframe B-Gauge Patch Panel, black front panel, extra rugged jack sockets which allow customized normalling
LF48-1S NEUTRIK-LF48-1S Datasheet
169Kb / 3P
48 way Longframe B-Gauge Patch Panel, silver front panel, extra rugged jack sockets which allow customized normalling
logo
LOGIC Devices Incorpora...
LF48212 LODEV-LF48212 Datasheet
59Kb / 9P
12 x 12-bit Alpha Mixer
More results


Similar Description - LF48908

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48908 INTERSIL-HSP48908 Datasheet
110Kb / 18P
Two Dimensional Convolver
1999 05
HSP48908883 INTERSIL-HSP48908883 Datasheet
62Kb / 7P
Two Dimensional Convolver
December 1999
logo
Hamamatsu Corporation
S1880 HAMAMATSU-S1880 Datasheet
136Kb / 4P
Two-dimensional PSD Non-discrete position sensor utilizing photodiode surface resistance
S5990-01 HAMAMATSU-S5990-01 Datasheet
143Kb / 2P
Two-dimensional PSD Improved tetra-lateral type for surface mounting
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
Dimensional Drawing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com