Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRS4040 Datasheet (PDF) - Naina Semiconductor ltd.

NRS4040 Datasheet PDF - Naina Semiconductor ltd.
Part # NRS4040
Download  NRS4040 Download
File Size   345.36 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Three phase rectifier stack (with press-fit diodes), 400A

NRS4040 Datasheet (PDF)

Go To PDF Page Download Datasheet
NRS4040 Datasheet PDF - Naina Semiconductor ltd.

Part # NRS4040
Download  NRS4040 Click to download

File Size   345.36 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Three phase rectifier stack (with press-fit diodes), 400A

NRS4040 Datasheet (HTML) - Naina Semiconductor ltd.




Similar Part No. - NRS4040

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NRS4010T100MDGG TAIYO-YUDEN-NRS4010T100MDGG Datasheet
811Kb / 22P
SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRS4010T100MDGG TAIYO-YUDEN-NRS4010T100MDGG Datasheet
811Kb / 22P
SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRS4010T100MDGG TAIYO-YUDEN-NRS4010T100MDGG Datasheet
635Kb / 23P
SMD POWER INDUCTORS(NR SERIES/NR SERIES H TYPE/S TYPE/V TYPE)
NRS4010T100MDGG TAIYO-YUDEN-NRS4010T100MDGG Datasheet
297Kb / 3P
SMD Power Inductors (NR series S type)
NRS4010T100MDGG TAIYO-YUDEN-NRS4010T100MDGG Datasheet
369Kb / 3P
Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
More results


Similar Description - NRS4040

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NRQ108 NAINA-NRQ108 Datasheet
210Kb / 2P
Single phase rectifier stack (with press-fit diodes), 108 Amps
NRS6040 NAINA-NRS6040 Datasheet
154Kb / 2P
Three phase rectifier stack (with press-fit diodes), 600A
NRS7040 NAINA-NRS7040 Datasheet
154Kb / 2P
Three phase rectifier stack (with press-fit diodes), 700A
logo
Diotec Semiconductor
BYP25A05 DIOTEC-BYP25A05_18 Datasheet
157Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
BYP35A05 DIOTEC-BYP35A05_18 Datasheet
157Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
BYP60A05 DIOTEC-BYP60A05_17 Datasheet
155Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYW25A1 DIOTEC-KYW25A1 Datasheet
149Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYW35A1 DIOTEC-KYW35A1 Datasheet
150Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYZ25A1 DIOTEC-KYZ25A1 Datasheet
150Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYZ35A1 DIOTEC-KYZ35A1 Datasheet
150Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com