Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD784054 Datasheet (PDF) - NEC

UPD784054 Datasheet PDF - NEC
Part # UPD784054
Download  UPD784054 Download
File Size   579.3 Kbytes
Page   86 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-BIT SINGLE-CHIP MICROCONTROLLER

UPD784054 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD784054 Datasheet PDF - NEC

Part # UPD784054
Download  UPD784054 Click to download

File Size   579.3 Kbytes
Page   86 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-BIT SINGLE-CHIP MICROCONTROLLER

UPD784054 Datasheet (HTML) - NEC


UPD784054 Product details

DESCRIPTION
The µPD784054(A) is a product of the 78K/IV series, and based on the µPD784044(A) with the real-time output function and two units of timers/counters deleted and a standby function invalid mode provided. A stricter quality assurance program applies to the µPD784054(A) compared to the µPD784054 (standard model).
The µPD784054(A) is provided with many peripheral hardware functions such as ROM, RAM, I/O port, 10-bit resolution A/D converter, timer, serial interface, and interrupt functions, in addition to a high-speed, high-performance CPU.
Moreover, a flash memory model, µPD78F4046Note, that can operate on the same supply voltage as the mask ROM model, and many development tools are under development.

FEATURES
• Higher reliability compared to the µPD784054
• Minimum instruction execution time : 160 ns (with 12.5-MHz internal clock) ··· µPD784054(A)
                                                              200 ns (with 10-MHz internal clock) ··· µPD784054(A1), (A2)
• I/O port : 64 lines
• Timer : 16-bit timer × 3 units
• A/D converter : 10-bit resolution × 16 channels
• Serial interface UART/IOE (3-wire serial I/O) : 2 channels
• Watchdog timer : 1 channel
• Standby function HALT/STOP/IDLE/standby function invalid mode
• Supply voltage : VDD = 4.5 to 5.5 V

APPLICATION FIELDS
   Automotive appliances, etc.




Similar Part No. - UPD784054

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784054 NEC-UPD784054 Datasheet
371Kb / 52P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784054 NEC-UPD784054 Datasheet
3Mb / 733P
16-Bit Single-Chip Microcontrollers
More results


Similar Description - UPD784054

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
SAF-C165LMHA INFINEON-SAF-C165LMHA Datasheet
1Mb / 77P
16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com