Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD784907 Datasheet (PDF) - NEC

UPD784907 Datasheet PDF - NEC
Part # UPD784907
Download  UPD784907 Download
File Size   657.06 Kbytes
Page   98 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-BIT SINGLE-CHIP MICROCONTROLLER

UPD784907 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD784907 Datasheet PDF - NEC

Part # UPD784907
Download  UPD784907 Click to download

File Size   657.06 Kbytes
Page   98 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-BIT SINGLE-CHIP MICROCONTROLLER

UPD784907 Datasheet (HTML) - NEC


UPD784907 Product details

16-BIT SINGLE-CHIP MICROCONTROLLER

The µPD784907 and µPD784908 are products of the µPD784908 Subseries in the 78K/IV Series. These products contain various peripheral hardware such as IEBusTM controller, ROM, RAM, I/O ports, 8-bit resolution A/D, timers, serial interface, and interrupt functions, as well as a high-speed, high-performance CPU.
In addition, the µPD78P4908 (one-time PROM product), which is used to evaluate the functions of mask ROM versions, and development tools are also available.

FEATURES
• 78K/IV Series
• Minimum instruction execution time: 320 ns (at 6.29 MHz)
                                                             160 ns (at 12.58 MHz)
• Number of I/O ports: 80
• Timer/counters: 16-bit timer/counter × 3 units
                             16-bit timer × 1 unit
• Serial interface: 4 channels
   UART/IOE (3-wire serial I/O): 2 channels
   CSI (3-wire serial I/O): 2 channels
• PWM outputs: 2
• Standby function
   HALT/STOP/IDLE mode
• Clock frequency division function
• Watchdog timer: 1 channel
• Clock output function
   Selectable from fCLK, fCLK/2, fCLK/4, fCLK/8, or fCLK/16
• A/D converter: 8-bit resolution × 8 channels
• On-chip IEBus controller
• Watch timer
• Low-power consumption
• Supply voltage: VDD = 4.0 to 5.5 V
                            (Main clock: fXX = 12.58 MHz,
                             internal system clock = fXX,
                            fCYK = 79 ns)
                            VDD = 3.5 to 5.5 V
                             (Other than above, fCYK = 159 ns)

APPLICATIONS
   Car audios, etc.




Similar Part No. - UPD784907

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD784907 RENESAS-UPD784907 Datasheet
652Kb / 100P
MOS INTEGRATED CIRCUIT
1996
More results


Similar Description - UPD784907

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
SAF-C165LMHA INFINEON-SAF-C165LMHA Datasheet
1Mb / 77P
16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com