Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA277 Datasheet (PDF) - Leshan Radio Company

BA277 Datasheet PDF - Leshan Radio Company
Part # BA277
Download  BA277 Download
File Size   91.69 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Band-switching diode

BA277 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA277 Datasheet PDF - Leshan Radio Company

Part # BA277
Download  BA277 Click to download

File Size   91.69 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Band-switching diode

BA277 Datasheet (HTML) - Leshan Radio Company


BA277 Product details

DESCRIPTION
Planar high performance band-switching diode in a small plastic SOD523 (SC-79) SMD package.
   
FEATURES
• Small plastic SMD package
• Continuous reverse voltage: max. 35 V
• Continuous forward current: max. 100 mA
• Low diode capacitance: max. 1.2 pF
• Low diode forward resistance: max. 0.7 Ω.
   
APPLICATIONS
• Low loss band switching in VHF television tuners.
• Surface mount band-switching circuits.
   




Similar Part No. - BA277

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA277 PHILIPS-BA277 Datasheet
46Kb / 8P
Band-switching diode
1998 May 06
BA277 NXP-BA277 Datasheet
224Kb / 6P
Band-switching diode
Rev. 02-7 January 2008
logo
Guangdong Kexin Industr...
BA277 KEXIN-BA277 Datasheet
35Kb / 1P
Band-Switching Diode
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Weitron Technology
BA277 WEITRON-BA277 Datasheet
1Mb / 3P
BAND SWITCHING DIODE 100m AMPERES 35 VOLTS
More results


Similar Description - BA277

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
Band-switching diode
1998 May 08
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
Band-switching diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
Band switching diode
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
BAND SWITCHING DIODE
logo
Rohm
1SS356 ROHM-1SS356_11 Datasheet
257Kb / 4P
Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
Band Switching Diode
logo
NXP Semiconductors
BA891_N_15 PHILIPS-BA891_N_15_15 Datasheet
243Kb / 6P
Band-switching diode
Rev. 04-8 January 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com