Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA277 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # BA277
Description  Band-switching diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BA277 Datasheet(HTML) 2 Page - Leshan Radio Company

  BA277 Datasheet HTML 1Page - Leshan Radio Company BA277 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
S19–2/2
BA 277
2.5
2.0
1.5
1.0
0.5
0
10 –1
110
I F (mA )
10
1
10 -1
1
10
10 2
V R ( V )
f = 1 MHz; T
j =25°C
Fig.1 Diode capacitance as a function of reverse
voltage; typical values.
Fig.2 Diode forward resistance as a function of
forward current; typical values.
f = 100 MHz; T
j =25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com