Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D10SB10 Datasheet (PDF) - Leshan Radio Company

D10SB10 Datasheet PDF - Leshan Radio Company
Part # D10SB10
Download  D10SB10 Download
File Size   60.97 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 10A(SIP) BRIDGE RECTIFIERS

D10SB10 Datasheet (PDF)

Go To PDF Page Download Datasheet
D10SB10 Datasheet PDF - Leshan Radio Company

Part # D10SB10
Download  D10SB10 Click to download

File Size   60.97 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 10A(SIP) BRIDGE RECTIFIERS

D10SB10 Datasheet (HTML) - Leshan Radio Company


D10SB10 Product details

FEATURES
● Plastic Package has Underwriters Laboratory
   Flammability Classification 94V-0
● High current capacity with small package
● Glass passivated chip junctions
● Superior thermal conductivity
● High IFSM




Similar Part No. - D10SB10

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
D10SB10 SSE-D10SB10 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
D10SB10 SECOS-D10SB10 Datasheet
392Kb / 2P
Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D10SB10 LRC-D10SB10 Datasheet
243Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Zibo Seno Electronic En...
D10SB10 ZSELEC-D10SB10 Datasheet
99Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
D10SB100 SSE-D10SB100 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
More results


Similar Description - D10SB10

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
D15SB10 LRC-D15SB10 Datasheet
62Kb / 2P
15A(SIP) BRIDGE RECTIFIERS
D8SB10 LRC-D8SB10 Datasheet
61Kb / 2P
84(SIP) BRIDGE RECTIFIERS
RB150 LRC-RB150 Datasheet
53Kb / 2P
1.5A RB SERIES SIP BRIDGE RECTIFIERS
RB201 LRC-RB201 Datasheet
58Kb / 2P
2.0/3.0A RB SERIES SIP BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
TU1000 TAITRON-TU1000 Datasheet
201Kb / 4P
10A Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
BR10 SEMTECH_ELEC-BR10 Datasheet
126Kb / 2P
10A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
BP10-005L FRONTIER-BP10-005L Datasheet
124Kb / 2P
10A HIGH CURRENT BRIDGE RECTIFIERS
BU10-005 FRONTIER-BU10-005 Datasheet
122Kb / 2P
10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-005F FRONTIER-BU10-005F Datasheet
122Kb / 2P
10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
PBP10-005 FRONTIER-PBP10-005 Datasheet
121Kb / 2P
10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com