Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D15SB10 Datasheet (PDF) - Leshan Radio Company

D15SB10 Datasheet PDF - Leshan Radio Company
Part # D15SB10
Download  D15SB10 Download
File Size   62.72 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 15A(SIP) BRIDGE RECTIFIERS

D15SB10 Datasheet (PDF)

Go To PDF Page Download Datasheet
D15SB10 Datasheet PDF - Leshan Radio Company

Part # D15SB10
Download  D15SB10 Click to download

File Size   62.72 Kbytes
Page   2 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 15A(SIP) BRIDGE RECTIFIERS

D15SB10 Datasheet (HTML) - Leshan Radio Company


D15SB10 Product details

Reverse Voltage 100 to 1000V Forward Current 15.0 A

FEATURES
● Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
● High current capacity with small package
● Glass passivated chip junctions
● Superior thermal conductivity
● High IFSM




Similar Part No. - D15SB10

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
D15SB10 SSE-D15SB10 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
D15SB10 SECOS-D15SB10 Datasheet
516Kb / 2P
Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D15SB10 LRC-D15SB10 Datasheet
262Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Sunrise Electr...
D15SB100 SSE-D15SB100 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
D15SB100 SECOS-D15SB100 Datasheet
516Kb / 2P
Molding Single-Phase Bridge Rectifier
More results


Similar Description - D15SB10

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
15ABRIDGERECTIFIERS LRC-15ABRIDGERECTIFIERS Datasheet
71Kb / 2P
15A BRIDGE RECTIFIERS
D10SB10 LRC-D10SB10 Datasheet
60Kb / 2P
10A(SIP) BRIDGE RECTIFIERS
D8SB10 LRC-D8SB10 Datasheet
61Kb / 2P
84(SIP) BRIDGE RECTIFIERS
RB150 LRC-RB150 Datasheet
53Kb / 2P
1.5A RB SERIES SIP BRIDGE RECTIFIERS
RB201 LRC-RB201 Datasheet
58Kb / 2P
2.0/3.0A RB SERIES SIP BRIDGE RECTIFIERS
S15VB100 LRC-S15VB100 Datasheet
71Kb / 2P
15A BRIDGE RECTIFIERS
logo
Frontier Electronics.
BJ15-005 FRONTIER-BJ15-005 Datasheet
176Kb / 2P
15A BRIDGE RECTIFIERS
BP15-005 FRONTIER-BP15-005 Datasheet
129Kb / 2P
15A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP15-005G FRONTIER-BP15-005G Datasheet
129Kb / 2P
15A HIGH CURRENT SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS15P01G TSC-TS15P01G_16 Datasheet
207Kb / 4P
15A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com