Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP749F Datasheet (PDF) - Diodes Incorporated

ZXTP749F Datasheet PDF - Diodes Incorporated
Part # ZXTP749F
Download  ZXTP749F Download
File Size   229.1 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V PNP LOW SATURATION TRANSISTOR IN SOT23

ZXTP749F Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTP749F Datasheet PDF - Diodes Incorporated

Part # ZXTP749F
Download  ZXTP749F Click to download

File Size   229.1 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 25V PNP LOW SATURATION TRANSISTOR IN SOT23

ZXTP749F Datasheet (HTML) - Diodes Incorporated


ZXTP749F Product details

Features
• BVCEO > -25V
• BVCEO > -35V forward blocking voltage
• IC = -3A Continuous Collector Current
• Low Saturation Voltage, VCE(SAT) < -150mV @ -1A.
• RCE(sat) = 87mΩ for a low equivalent on-resistance
• 725mW power dissipation
• hFE characterised up to -6A for high current gain hold-up
• Complementary NPN Type: ZXTN649F
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Application
• MOSFET Gate Drivers
• Power Switching in Automotive and Industrial Applications
• Motor Drive and Control




Similar Part No. - ZXTP749F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP749FTA DIODES-ZXTP749FTA Datasheet
229Kb / 7P
25V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTP749FTA DIODES-ZXTP749FTA Datasheet
390Kb / 7P
25V PNP LOW SATURATION TRANSISTOR
Rev 4
ZXTP749F DIODES-ZXTP749F_15 Datasheet
229Kb / 7P
25V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTP749F DIODES-ZXTP749F_16 Datasheet
390Kb / 7P
25V PNP LOW SATURATION TRANSISTOR
Rev 4
More results


Similar Description - ZXTP749F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP749FTA DIODES-ZXTP749FTA Datasheet
229Kb / 7P
25V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
DSS20200L DIODES-DSS20200L_15 Datasheet
222Kb / 7P
20V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
DSS5240T DIODES-DSS5240T_15 Datasheet
243Kb / 7P
40V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMT717 DIODES-FMMT717_15 Datasheet
417Kb / 7P
12V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT720 DIODES-FMMT720_15 Datasheet
583Kb / 7P
40V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 4
FMMT723 DIODES-FMMT723_15 Datasheet
407Kb / 7P
100V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMTL718 DIODES-FMMTL718_15 Datasheet
235Kb / 5P
20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 2
ZXTN649F DIODES-ZXTN649F_15 Datasheet
246Kb / 7P
25V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTP749F DIODES-ZXTP749F_15 Datasheet
229Kb / 7P
25V PNP LOW SATURATION TRANSISTOR IN SOT23
Rev 3
ZXTP749F DIODES-ZXTP749F_16 Datasheet
390Kb / 7P
25V PNP LOW SATURATION TRANSISTOR
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com