Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP749F Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP749F
Description  25V PNP LOW SATURATION TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP749F Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP749F Datasheet HTML 1Page - Diodes Incorporated ZXTP749F Datasheet HTML 2Page - Diodes Incorporated ZXTP749F Datasheet HTML 3Page - Diodes Incorporated ZXTP749F Datasheet HTML 4Page - Diodes Incorporated ZXTP749F Datasheet HTML 5Page - Diodes Incorporated ZXTP749F Datasheet HTML 6Page - Diodes Incorporated ZXTP749F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXTP749F
Document Number: DS31901 Rev. 3 - 2
4 of 7
www.diodes.com
January 2013
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP749F
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-35
-60
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 7)
BVCEO
-25
-40
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-8.4
-
V
IE = -100µA
Collector Cutoff Current
ICBO
-
<1
-50
-0.5
nA
µA
VCB = -28V
VCB = -28V, TA = +100°C
Emitter Cutoff Current
IEBO
-
<1
-50
nA
VEB = -5.6V
Static Forward Current Transfer Ratio (Note 7)
hFE
200
130
100
25
320
230
180
50
500
-
-
-
-
IC = -100mA, VCE = -2V
IC = -1A, VCE = -2V
IC = -2A, VCE = -2V
IC = -6A, VCE = -2V
Collector-Emitter Saturation Voltage (Note 7)
VCE(sat)
-
-
-85
-229
-150
-350
mV
IC = -1A, IB = -100mA
IC = -3A, IB = -300mA
Base-Emitter Turn-On Voltage (Note 7)
VBE(on)
-
-786
-850
mV
IC = -1A, VCE = -2V
Base-Emitter Saturation Voltage (Note 7)
VBE(sat)
-
-895
-1000
mV
IC = -1A, IB = -100mA
Notes:
7. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com