Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7231 Datasheet (PDF) - LSI Computer Systems

LS7231 Datasheet PDF - LSI Computer Systems
Part # LS7231
Download  LS7231 Download
File Size   70.44 Kbytes
Page   8 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description TOUCH CONTROL LAMP DIMMER

LS7231 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS7231 Datasheet PDF - LSI Computer Systems

Part # LS7231
Download  LS7231 Click to download

File Size   70.44 Kbytes
Page   8 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description TOUCH CONTROL LAMP DIMMER

LS7231 Datasheet (HTML) - LSI Computer Systems


LS7231 Product details

DESCRIPTION:

LS7231 through LS7234 are a series of monolithic, MOS integrated circuits designed for the control of brightness of incandescent lamps. The outputs of these ICs control the brightness of a lamp by controlling the firing angle of a triac connected in series with the lamp. All internal timings are synchronized with the line frequency by means of a built-in phase-lock loop circuit. The output occurs once every half-cycle of the line frequency. Within the half cycle, the output can be positioned anywhere between 158˚conduction angle for maximum brightness and 41˚ conduction angle for minimum brightness in relation to the AC line frequency. The positioning of the output is controlled by applying a low level at the SENS input or a high level at the EXT input.



FEATURES:

• Phase-lock loop synchronization allows use in Wall Switch applications.

• Provides brightness control of incandescent lamps with touch plates or mechanical switches.

• Controls the "duty cycle" from 23% to 88%

   (conduction angles for AC half-cycles between 41˚ and 158˚, respectively.)

• Operates at 50Hz/60Hz line frequency.

• Extension input for remote activation.

• Input for slow dimming.

• +12V to +18V DC Power Supply voltage. (VSS - VDD)

• LS7231 to LS7234 (DIP) - See Figure 1

   LS7231-S to LS7234-S (SOIC)



APPLICATIONS:

1. Foot-Switch Dimmer for large floor lamps.

2. Hand-Switch Dimmer for end-table lamps.




Similar Part No. - LS7231

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
More results


Similar Description - LS7231

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7237 LSI-LS7237 Datasheet
43Kb / 4P
TOUCH CONTROL LAMP STEP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
TT6061A ETC-TT6061A Datasheet
68Kb / 1P
TOUCH DIMMER
logo
LSI Computer Systems
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com