Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7231 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7231
Description  TOUCH CONTROL LAMP DIMMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7231 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7231 Datasheet HTML 1Page - LSI Computer Systems LS7231 Datasheet HTML 2Page - LSI Computer Systems LS7231 Datasheet HTML 3Page - LSI Computer Systems LS7231 Datasheet HTML 4Page - LSI Computer Systems LS7231 Datasheet HTML 5Page - LSI Computer Systems LS7231 Datasheet HTML 6Page - LSI Computer Systems LS7231 Datasheet HTML 7Page - LSI Computer Systems LS7231 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TOUCH CONTROL LAMP DIMMER
DESCRIPTION:
LS7231 through LS7234 are a series of monolithic, MOS
integrated circuits designed for the control of brightness of
incandescent lamps. The outputs of these ICs control the
brightness of a lamp by controlling the firing angle of a
triac connected in series with the lamp. All internal timings
are synchronized with the line frequency by means of a
built-in phase-lock loop circuit. The output occurs once
every half-cycle of the line frequency. Within the half-
cycle, the output can be positioned anywhere between
158˚conduction angle for maximum brightness and 41˚
conduction angle for minimum brightness in relation to the
AC line frequency. The positioning of the output is con-
trolled by applying a low level at the SENS input or a high
level at the EXT input.
These functions may be implemented with very few inter-
face components, as shown in Figure 5. When imple-
mented in this manner, touching of the Touch Plate caus-
es the lamp brightness to change as follows:
1.
If the Touch Plate is touched momentarily (42ms to
333ms), the lamp is:
a) turned off if it was on,
b) turned on if it was off.
The brightness resulting is either full brightness or
depending on the circuit type, a previous brightness
stored in the IC memory.
2. If the Touch Plate is touched for a prolonged time
(more than 342ms) the light intensity changes slowly.
As long as the touch is maintained, the change con-
tinues; the direction of change reverses whenever the
maximum or minimum brightness is reached.
1
2
3
4
8
7
6
5
TRIG
V DD (-V)
EXT
SENS
V SS(+V)
DOZE
CAP
SYNC
FIGURE 1
PIN ASSIGNMENT - TOP VIEW
The IC also provides an input for slow dimming. By
applying a slow clock to this input, the lamp can be
dimmed slowly until total turn off occurs. This fea-
ture can be useful at bedtime in a child’s room.
INPUT/OUTPUT DESCRIPTION:
VSS (Pin 1)
Supply voltage positive terminal.
DOZE (Pin 2)
A clock applied to this input causes the brightness to de-
crease in equal increments with each negative transition
of the clock. Eventually, when the lamp turns off, this in-
put has no further effect. The lamp can be turned on
again by activating either the SENS input or the EXT in-
put. For the transition from maximum brightness to off, a
total of 83 clock pulses are needed at the DOZE input.
When either the SENS or the EXT input is active, the
DOZE input is disabled. (See Figure 7)
CAP (Pin 3)
The CAP input is for the PLL filter capacitor. A 0.047µF
capacitor should be connected to this input.
7231-4-120100-1
December 2000
FEATURES:
Phase-lock loop synchronization allows use in Wall
Switch applications.
Provides brightness control of incandescent lamps
with touch plates or mechanical switches.
Controls the "duty cycle" from 23% to 88%
(conduction angles for AC half-cycles between 41˚
and 158˚, respectively.)
Operates at 50Hz/60Hz line frequency.
Extension input for remote activation.
Input for slow dimming.
+12V to +18V DC Power Supply voltage. (VSS - VDD)
LS7231 to LS7234 (DIP) - See Figure 1
LS7231-S to LS7234-S (SOIC)
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7231-7234
UL
®
A3800


Similar Part No. - LS7231

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
More results

Similar Description - LS7231

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7232NT LSI-LS7232NT Datasheet
55Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7237 LSI-LS7237 Datasheet
43Kb / 4P
TOUCH CONTROL LAMP STEP DIMMER
LS7631 LSI-LS7631 Datasheet
44Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
logo
List of Unclassifed Man...
TT6061A ETC-TT6061A Datasheet
68Kb / 1P
TOUCH DIMMER
logo
LSI Computer Systems
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
TOUCH CONTROL LAMP DIMMER
LS7231-7234 LSI-LS7231-7234 Datasheet
75Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7634 LSI-LS7634 Datasheet
66Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7232NT LSI-LS7232NT_05 Datasheet
79Kb / 7P
PROXIMITY/TOUCH CONTROL HALOGEN LAMP DIMMER
LS7631 LSI-LS7631_05 Datasheet
69Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
LS7634 LSI-LS7634_08 Datasheet
205Kb / 4P
TOUCH CONTROL HALOGEN LAMP DIMMER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com