Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7534 Datasheet (PDF) - LSI Computer Systems

LS7534 Datasheet PDF - LSI Computer Systems
Part # LS7534
Download  LS7534 Download
File Size   69.67 Kbytes
Page   8 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS

LS7534 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS7534 Datasheet PDF - LSI Computer Systems

Part # LS7534
Download  LS7534 Click to download

File Size   69.67 Kbytes
Page   8 Pages
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems
Description DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS

LS7534 Datasheet (HTML) - LSI Computer Systems


LS7534 Product details

DESCRIPTION:
LS7534 and LS7535 are MOS integrated circuits that are designed for brightness control of incandescent lamps. The outputs of these ICs control the brightness of a lamp by controlling the firing angle of a triac connected in series with the lamp. All internal timings are synchronized with the line frequency by means of a built-in phase-lock loop circuit.

FEATURES:
• Phase-lock loop synchronization allows use as a Wall Switch
• Brightness control of incandescent lamps with touch plates (LS7534) or pushbutton switches (LS7535)
• Dual Controls eliminate confusion
• Soft turn-on /turn-off
• Controls the "Duty Cycle" from 23% to 88% (conduction angles for AC half-cycles between 41° and 159°, respectively)
• Operates at 50Hz/60Hz line frequency
• Input for slow dimming
• +12V to +18V DC supply voltage (VSS - VDD)
• LS7534, LS7535, LS7535FT (DIP); - See Figure 1 LS7534-S, LS7535-S, LS7535FT-S (SOIC)

APPLICATION:
    LS7535 is ideal for use in electronic dimmers for “smart-house” type applications because it is designed to be easily controlled by remote switches.




Similar Part No. - LS7534

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7534 LSI-LS7534 Datasheet
89Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7534 LSI-LS7534_03 Datasheet
89Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7534 LSI-LS7534_09 Datasheet
91Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
More results


Similar Description - LS7534

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7538 LSI-LS7538 Datasheet
26Kb / 4P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7534 LSI-LS7534_03 Datasheet
89Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7541 LSI-LS7541 Datasheet
55Kb / 5P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
logo
Texas Instruments
PT7681 TI-PT7681 Datasheet
246Kb / 12P
30-A Programmable ISR With Margin Up/Down Controls
logo
LSI Computer Systems
LS7642 LSI-LS7642 Datasheet
241Kb / 5P
VOLTAGE CONTROLLED LIGHT DIMMER
LS7534 LSI-LS7534_09 Datasheet
91Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7541 LSI-LS7541_07 Datasheet
355Kb / 6P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
logo
OSRAM GmbH
SFH2700FA OSRAM-SFH2700FA Datasheet
943Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700FAA01 OSRAM-SFH2700FAA01 Datasheet
989Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com