Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7534 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7534
Description  DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7534 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7534 Datasheet HTML 1Page - LSI Computer Systems LS7534 Datasheet HTML 2Page - LSI Computer Systems LS7534 Datasheet HTML 3Page - LSI Computer Systems LS7534 Datasheet HTML 4Page - LSI Computer Systems LS7534 Datasheet HTML 5Page - LSI Computer Systems LS7534 Datasheet HTML 6Page - LSI Computer Systems LS7534 Datasheet HTML 7Page - LSI Computer Systems LS7534 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DIMMER LIGHT SWITCH
WITH UP AND DOWN CONTROLS
FEATURES:
• Phase-lock loop synchronization allows use as a
Wall Switch
• Brightness control of incandescent lamps with touch
plates (LS7534) or mechanical switches (LS7535)
• Dual Controls eliminate confusion
• Soft turn-on /turn-off
• Controls the "Duty Cycle" from 23% to 88%
(conduction angles for AC half-cycles between 41°
and 159°, respectively)
• Operates at 50Hz/60Hz line frequency
• Input for slow dimming
• +12V to +18V DC supply voltage (VSS - VDD)
• LS7534/LS7535 (DIP);
LS7534-S/LS7535-S SOIC - See Figure 1
DESCRIPTION:
LS7534/LS7535 are monolithic, MOS integrated cir-
cuits that are designed for brightness control of in-
candescent lamps. The outputs of these ICs control
the brightness of a lamp by controlling the firing an-
gle of a triac connected in series with the lamp. All
internal timings are synchronized with the line fre-
quency by means of a built-in phase-lock loop cir-
cuit. The output occurs once every half-cycle of the
line frequency. Within the half-cycle, the output can
be positioned anywhere between 159° conduction
angle for maximum brightness and 41° conduction
angle for minimum brightness in relation to the AC
line frequency. The positioning of the output is con-
trolled by applying the proper logic levels at the UP
and DOWN inputs.
These functions may be implemented with very few
interface components which is described in the ap-
plication examples (See Fig. 5A and 5B). For touch
plates, LS7534 is used (Fig. 5A). For mechanical
switches, LS7535 is used (Fig. 5B).
In the following Operating Description of the applica-
tion examples, an Activation is Touch for LS7534
and Switch Closure for LS7535.
Short Activation (34ms to 325ms)
UP - When the lamp is off, if a short activation is applied to
the UP input, the lamp brightness is ramped up to full-on or
to a previous brightness stored in the memory. The ramp-
up time from off to full-on is 2.8 sec. The ramp-up time from
off to any other brightness is proportionally shorter. When
the lamp is on at any brightness, a short activation applied
to the UP input has no effect.
DOWN - If a short activation is applied to the DOWN input,
the lamp brightness is ramped down to off. The ramp-down
time from full-on to off is 5.6 seconds. The ramp-down time
from any other brightness is proportionally shorter. When
the lamp is off, a short activation applied to the DOWN input
has no effect.
Long Activation (Greater than 334ms)
UP - If a long activation is applied to the UP input, the lamp
brightness ramps up from the pre-activation brightness as
long as the activation is maintained or until the full bright-
ness is reached. At full brightness any continued long ac-
tivation has no further effect.
DOWN - If a long activation is applied to the DOWN input,
the lamp brightness is ramped down as long as the long ac-
tivation is maintained or until the minimum brightness is
reached. At minimum brightness, any continued long ac-
tivation has no further effect. When the lamp is off, a long
activation applied to the DOWN input has no effect.
CONNECTION DIAGRAM - TOP VIEW
1
2
3
4
8
7
6
5
FIGURE 1
TRIG
VDD(-V
)
DOWN
UP
VSS (+V)
DOZE
CAP
SYNC
August 1996
7534/35-080796-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
UL
®
A3800
LS7534
LS7535


Similar Part No. - LS7534

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7534 LSI-LS7534 Datasheet
89Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7534 LSI-LS7534_03 Datasheet
89Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7534 LSI-LS7534_09 Datasheet
91Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
More results

Similar Description - LS7534

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7538 LSI-LS7538 Datasheet
26Kb / 4P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7534 LSI-LS7534_03 Datasheet
89Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7541 LSI-LS7541 Datasheet
55Kb / 5P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
logo
Texas Instruments
PT7681 TI-PT7681 Datasheet
246Kb / 12P
30-A Programmable ISR With Margin Up/Down Controls
logo
LSI Computer Systems
LS7642 LSI-LS7642 Datasheet
241Kb / 5P
VOLTAGE CONTROLLED LIGHT DIMMER
LS7534 LSI-LS7534_09 Datasheet
91Kb / 8P
DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7541 LSI-LS7541_07 Datasheet
355Kb / 6P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
logo
OSRAM GmbH
SFH2700FA OSRAM-SFH2700FA Datasheet
943Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700FAA01 OSRAM-SFH2700FAA01 Datasheet
989Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com