Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPG110P Datasheet (PDF) - NEC

UPG110P Datasheet PDF - NEC
Part # UPG110P
Download  UPG110P Download
File Size   50.9 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2 to 8 GHz WIDE BAND AMPLIFIER CHIP

UPG110P Datasheet (PDF)

Go To PDF Page Download Datasheet
UPG110P Datasheet PDF - NEC

Part # UPG110P
Download  UPG110P Click to download

File Size   50.9 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2 to 8 GHz WIDE BAND AMPLIFIER CHIP

UPG110P Datasheet (HTML) - NEC


UPG110P Product details

DESCRIPTION
The UPG110B is a GaAs monolithic integrated circuit designed for use as a wide-band amplifier from 2 GHz to 8 GHz. The device is most suitable for the gain stage of microwave communication systems where high gain characteristics are required. The UPG110 is available in a 4 pin flat package and in chip form.

FEATURES
• WIDE-BAND: 2 to 8 GHz
• HIGH GAIN: 15 dB at f = 2 to 8 GHz
• MEDIUM POWER: +14 dBm TYP at f = 2 to 8 GHz
• INPUT/OUTPUT IMPEDANCE MATCHED TO 50 Ω
• HERMETICALLY SEALED PACKAGE ASSURES HIGH RELIABILITY




Similar Part No. - UPG110P

ManufacturerPart #DatasheetDescription
logo
NEC
UPG110P NEC-UPG110P Datasheet
73Kb / 3P
2-8 GHZ WIDE-BAND AMPLIFIER
More results


Similar Description - UPG110P

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM28000-A1 MACOM-MAAM28000-A1 Datasheet
126Kb / 2P
Wide Band GaAs MMIC Amplifier 2-8 GHz
logo
NEC
UPC2709T NEC-UPC2709T Datasheet
96Kb / 6P
2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
TriQuint Semiconductor
TGA4522-EPU TRIQUINT-TGA4522-EPU Datasheet
167Kb / 10P
33 - 47 GHz Wide Band Driver Amplifier
logo
NEC
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
logo
Teledyne Technologies I...
CMA-8-2004 TELEDYNE-CMA-8-2004 Datasheet
891Kb / 2P
Amplifier 2 GHz - 8 GHz
logo
NEC
UPG110B NEC-UPG110B Datasheet
73Kb / 3P
2-8 GHZ WIDE-BAND AMPLIFIER
logo
United Monolithic Semic...
CHA3023 UMS-CHA3023 Datasheet
389Kb / 8P
1-18 GHz WIDE BAND AMPLIFIER
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521_15 Datasheet
309Kb / 9P
32 to 45 GHz Wide Band Driver Amplifier
TGA4522 TRIQUINT-TGA4522_15 Datasheet
369Kb / 12P
33 to 47 GHz Wide Band Driver Amplifier
logo
United Monolithic Semic...
CHA3023 UMS-CHA3023_15 Datasheet
231Kb / 8P
1-18 GHz WIDE BAND AMPLIFIER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com