Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A33-1 Datasheet (PDF) - Tyco Electronics

A33-1 Datasheet PDF - Tyco Electronics
Part # A33-1
Download  A33-1 Download
File Size   108.88 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2 TO 2400 MHz CASCADABLE AMPLIFIER

A33-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
A33-1 Datasheet PDF - Tyco Electronics

Part # A33-1
Download  A33-1 Click to download

File Size   108.88 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 2 TO 2400 MHz CASCADABLE AMPLIFIER

A33-1 Datasheet (HTML) - Tyco Electronics


A33-1 Product details

Description
The A33-1 RF amplifier is a discrete thin film hybrid design, which incorporates the use of thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. An active DC biasing network is used for temperature-stable performance, in addition to an RF Choke, used for power supply decoupling.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• ULTRAWIDE BANDWIDTH: 1-2600 MHz (TYP.)
• MEDIUM OUTPUT LEVEL: +6 dBm (TYP.)




Similar Part No. - A33-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A33-1 MACOM-A33-1 Datasheet
382Kb / 2P
Cascadable Amplifier 2 to 2400 MHz
logo
M/A-COM Technology Solu...
A33-1 MA-COM-A33-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 2400 MHz
A33-1-SMA33-1 MA-COM-A33-1-SMA33-1 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Tyco Electronics
A33-1 MACOM-A33-1_1 Datasheet
382Kb / 2P
Cascadable Amplifier 2 to 2400 MHz
More results


Similar Description - A33-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A25-1 MACOM-A25-1 Datasheet
107Kb / 1P
2 TO 1500 MHz CASCADABLE AMPLIFIER
A35-1 MACOM-A35-1 Datasheet
357Kb / 2P
Cascadable Amplifier 2 to 2400 MHz
A25-1 MACOM-A25-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 2 to 1500 MHz
A33-1 MACOM-A33-1_1 Datasheet
382Kb / 2P
Cascadable Amplifier 2 to 2400 MHz
logo
M/A-COM Technology Solu...
SMA25-1 MA-COM-SMA25-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 1500 MHz
SMA33-1 MA-COM-SMA33-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 2400 MHz
SMA35-1 MA-COM-SMA35-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 2400 MHz
logo
Teledyne Technologies I...
AC2426 TELEDYNE-AC2426 Datasheet
160Kb / 2P
10 TO 2400 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC2024 TELEDYNE-UTOUTC2024 Datasheet
183Kb / 6P
Thin-Film Cascadable Amplifier 2 to 2000 MHz
UTOUTC0515 TELEDYNE-UTOUTC0515 Datasheet
303Kb / 6P
Thin-Film Cascadable Amplifier 2 to 500 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com