Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-191 Datasheet (PDF) - Tyco Electronics

AM-191 Datasheet PDF - Tyco Electronics
Part # AM-191
Download  AM-191 Download
File Size   214.33 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier, 100 - 600 MHz

AM-191 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-191 Datasheet PDF - Tyco Electronics

Part # AM-191
Download  AM-191 Click to download

File Size   214.33 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier, 100 - 600 MHz

AM-191 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AM-191

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-191 MA-COM-AM-191 Datasheet
68Kb / 3P
Low Noise Amplifier 100 - 600 MHz
AM-191-PIN MA-COM-AM-191-PIN Datasheet
68Kb / 3P
Low Noise Amplifier
AM-191-PIN MA-COM-AM-191-PIN_15 Datasheet
68Kb / 3P
Low Noise Amplifier
AM-191PIN MA-COM-AM-191PIN Datasheet
68Kb / 3P
Low Noise Amplifier 100 - 600 MHz
More results


Similar Description - AM-191

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AMC-AMS-162 MACOM-AMC-AMS-162 Datasheet
239Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
SIRENZA MICRODEVICES
SGL-0163 SIRENZA-SGL-0163 Datasheet
200Kb / 7P
100 - 1300 MHz Silicon Germanium Cascadable Low Noise Amplifier
logo
Tyco Electronics
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-162 MACOM-AM-162 Datasheet
292Kb / 3P
Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
SIRENZA MICRODEVICES
SGL-0622Z SIRENZA-SGL-0622Z Datasheet
116Kb / 5P
100 - 4000 MHz Low Noise Amplifier Silicon Germanium
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160 Datasheet
67Kb / 3P
Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
AM-191 MA-COM-AM-191 Datasheet
68Kb / 3P
Low Noise Amplifier 100 - 600 MHz
logo
Skyworks Solutions Inc.
SKY67012_396LF SKYWORKS-SKY67012_396LF Datasheet
2Mb / 15P
300 to 600 MHz Low-Noise, Low-Current Amplifier
SKY67012-396LF SKYWORKS-SKY67012-396LF Datasheet
2Mb / 15P
300 to 600 MHz Low-Noise, Low-Current Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com