Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-191 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-191
Description  Low Noise Amplifier, 100 - 600 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-191 Datasheet(HTML) 2 Page - Tyco Electronics

  AM-191 Datasheet HTML 1Page - Tyco Electronics AM-191 Datasheet HTML 2Page - Tyco Electronics AM-191 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Noise Amplifier, 100 - 600 MHz
AM-191
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V3.00
2
S-Parameter Data
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.33
-115.7
14.54
-143.3
0.02
-143.4
0.20
-171.1
150
0.25
-128.6
15.35
167.9
0.02
-168.5
0.25
121.6
350
0.17
165.0
14.37
51.7
0.01
30.8
0.26
-109.7
600
0.30
-174.0
15.11
-68.9
0.02
-86.9
0.23
-59.4
Frequency (MHz)
200
0.17
-148.7
15.32
133.1
0.02
-130.5
0.27
8.5
250
0.16
-165.8
15.47
103.0
0.01
96.3
0.29
-43.6
300
0.16
177.3
15.07
76.5
0.01
63.3
0.29
-79.5
400
0.18
157.2
14.16
27.6
0.01
0.9
0.24
-140.3
500
0.21
176.3
14.33
-17.6
0.02
-44.7
0.21
-4.6
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RF OUT
6
RF IN
2
GND
7
GND
3
GND
8
GND
4
GND
9
GND
5
VDC
10
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com