Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-119PIN Datasheet (PDF) - Tyco Electronics

AM-119PIN Datasheet PDF - Tyco Electronics
Part # AM-119PIN
Download  AM-119PIN Download
File Size   217.69 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Performance Amplifier, 8 dB Gain, 30 - 250 MHz

AM-119PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-119PIN Datasheet PDF - Tyco Electronics

Part # AM-119PIN
Download  AM-119PIN Click to download

File Size   217.69 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Performance Amplifier, 8 dB Gain, 30 - 250 MHz

AM-119PIN Datasheet (HTML) - Tyco Electronics




Similar Part No. - AM-119PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-119PIN MACOM-AM-119PIN Datasheet
205Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
logo
M/A-COM Technology Solu...
AM-119PIN MA-COM-AM-119PIN Datasheet
81Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
More results


Similar Description - AM-119PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
AM-AMC-136 MACOM-AM-AMC-136 Datasheet
255Kb / 3P
High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-AMC-138 MACOM-AM-AMC-138 Datasheet
255Kb / 3P
High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
AM-AMC-146 MACOM-AM-AMC-146 Datasheet
242Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-119 MACOM-AM-119 Datasheet
205Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
logo
M/A-COM Technology Solu...
AM-119 MA-COM-AM-119 Datasheet
81Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-146 MA-COM-AM-146 Datasheet
78Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-119 MA-COM-AM-119_15 Datasheet
555Kb / 4P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com