Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-138PIN Datasheet (PDF) - Tyco Electronics

AM-138PIN Datasheet PDF - Tyco Electronics
Part # AM-138PIN
Download  AM-138PIN Download
File Size   255.3 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Performance Amplifier, 25 dB Gain, 10 - 200 MHz

AM-138PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-138PIN Datasheet PDF - Tyco Electronics

Part # AM-138PIN
Download  AM-138PIN Click to download

File Size   255.3 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Performance Amplifier, 25 dB Gain, 10 - 200 MHz

AM-138PIN Datasheet (HTML) - Tyco Electronics




Similar Part No. - AM-138PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-131 MACOM-AM-131 Datasheet
256Kb / 3P
High Performance Amplifier, 10dB Gain 5 - 500 MHz
logo
M/A-COM Technology Solu...
AM-131-PIN MA-COM-AM-131-PIN Datasheet
126Kb / 2P
Product Type: Broadband RF Amplifier Frequency: 5 to 500 MHz
AM-131-PIN MA-COM-AM-131-PIN Datasheet
126Kb / 2P
Product Type: Broadband RF Amplifier
AM-131-PIN MA-COM-AM-131-PIN_15 Datasheet
502Kb / 3P
Broadband RF Amplifier
logo
Tyco Electronics
AM-131PIN MACOM-AM-131PIN Datasheet
256Kb / 3P
High Performance Amplifier, 10dB Gain 5 - 500 MHz
More results


Similar Description - AM-138PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
AM-AMC-136 MACOM-AM-AMC-136 Datasheet
255Kb / 3P
High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-AMC-140 MACOM-AM-AMC-140 Datasheet
255Kb / 3P
High Performance Amplifier, 29 dB Gain, 10 - 200 MHz
AM-AMC-146 MACOM-AM-AMC-146 Datasheet
242Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-123 MACOM-AM-123 Datasheet
270Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-145 MA-COM-AM-145 Datasheet
89Kb / 3P
High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
AM-146 MA-COM-AM-146 Datasheet
78Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
logo
NXP Semiconductors
BGY67A112 NXP-BGY67A112 Datasheet
100Kb / 8P
200 MHz, 24 dB gain reverse amplifier
Rev. 5-19 September 2011
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com