Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM500002 Datasheet (PDF) - Tyco Electronics

AM500002 Datasheet PDF - Tyco Electronics
Part # AM500002
Download  AM500002 Download
File Size   128.23 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier 1.575 GHz

AM500002 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM500002 Datasheet PDF - Tyco Electronics

Part # AM500002
Download  AM500002 Click to download

File Size   128.23 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier 1.575 GHz

AM500002 Datasheet (HTML) - Tyco Electronics


AM500002 Product details

Description
M/A-COM’s AM50-0002 is a high performance GaAs MMIC low noise amplifier in a low cost SOIC 8 Lead surface mount plastic package. The AM50-0002 employs a monolithic 3-stage self-bias design and a simple external matching network to obtain minimum noise figure.

Features
• Low Noise Figure: 1.15 dB
• High Gain: 27 dB
• Low Power Consumption: 5V, 20 mA
• High Dynamic Range
• Low Cost SOIC-8 Lead Package




Similar Part No. - AM500002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM500002V7 MACOM-AM500002V7 Datasheet
214Kb / 5P
Low Noise Amplifier
AM500002V8 MACOM-AM500002V8 Datasheet
211Kb / 3P
Low Noise Amplifier
More results


Similar Description - AM500002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
Low Noise Amplifier 1.575 GHz
AM50-0002 MACOM-AM50-0002_1 Datasheet
244Kb / 5P
Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
Low Noise Amplifier 1.575 GHz
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
Low Noise Amplifier 1.575 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
1.575 GHz GPS Low Noise Amplifier
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
2.4 GHz Low-Noise Amplifier
logo
Johanson Technology Inc...
1575AT43A40 JOHANSON-1575AT43A40 Datasheet
317Kb / 3P
1.575 GHz Antenna
1575AT43A0040 JOHANSON-1575AT43A0040 Datasheet
375Kb / 3P
1.575 GHz Antenna
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com