Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM500006V2 Datasheet (PDF) - Tyco Electronics

AM500006V2 Datasheet PDF - Tyco Electronics
Part # AM500006V2
Download  AM500006V2 Download
File Size   358.01 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier 1400 - 2000 MHz

AM500006V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM500006V2 Datasheet PDF - Tyco Electronics

Part # AM500006V2
Download  AM500006V2 Click to download

File Size   358.01 Kbytes
Page   7 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Noise Amplifier 1400 - 2000 MHz

AM500006V2 Datasheet (HTML) - Tyco Electronics


AM500006V2 Product details

Description
M/A-COM’s AM50-0006 is a high dynamic range, GaAs MMIC, low noise amplifier in a SOT-26 surface mount plastic package. It employs external input matching to obtain optimum noise figure performance and operating frequency flexibility.
The AM50-0006 also features flexible biasing to control the current consumption vs. dynamic range trade-off. The AM50-0006 can operate from any positive supply voltage in the 3 V to 8 V range. Its current can be controlled over a range of 3 mA to 20 mA with an external resistor.

Features
• Low Noise Figure: 1.6 dB
• High Input IP3: -6 dBm at 3 V, 6.5 mA bias
• High Gain: 18 dB
• Single Supply: +3 to +8 VDC
• Adjustable current: 3 to 20 mA with external resistor
• SOT-26 Plastic Package




Similar Part No. - AM500006V2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM500002 MACOM-AM500002 Datasheet
128Kb / 3P
Low Noise Amplifier 1.575 GHz
AM500002V7 MACOM-AM500002V7 Datasheet
214Kb / 5P
Low Noise Amplifier
AM500002V8 MACOM-AM500002V8 Datasheet
211Kb / 3P
Low Noise Amplifier
AM500003V3 MACOM-AM500003V3 Datasheet
318Kb / 4P
High Dynamic Range Low Noise Amplifier 800-1000 MHz
AM500003V4 MACOM-AM500003V4 Datasheet
239Kb / 5P
High Dynamic Range Low Noise Amplifier
More results


Similar Description - AM500006V2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
High Dynamic Range Low Noise Amplifier 1400-2000 MHz
logo
Mini-Circuits
ZRL-1150LN MINI-ZRL-1150LN Datasheet
184Kb / 1P
Low Noise Amplifier 50??500 to 1400 MHz
ZRL-2300 MINI-ZRL-2300 Datasheet
183Kb / 1P
Low Noise Amplifier 50??1400 to 2300 MHz
logo
Tyco Electronics
MAALSS0048 MACOM-MAALSS0048 Datasheet
262Kb / 8P
Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MACOM-AM50-0006_1 Datasheet
297Kb / 8P
Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
Low Noise Amplifier 1400 - 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com