Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT20-0263 Datasheet (PDF) - Tyco Electronics

AT20-0263 Datasheet PDF - Tyco Electronics
Part # AT20-0263
Download  AT20-0263 Download
File Size   223.29 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC - 2 GHz

AT20-0263 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT20-0263 Datasheet PDF - Tyco Electronics

Part # AT20-0263
Download  AT20-0263 Click to download

File Size   223.29 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC - 2 GHz

AT20-0263 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AT20-0263

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0263 MACOM-AT20-0263 Datasheet
164Kb / 4P
Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
Digital Attenuator
logo
Tyco Electronics
AT20-0263 MACOM-AT20-0263_1 Datasheet
164Kb / 4P
Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263_15 Datasheet
610Kb / 5P
Digital Attenuator
More results


Similar Description - AT20-0263

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-260 MACOM-AT-260 Datasheet
97Kb / 2P
Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
AT-357 MACOM-AT-357 Datasheet
34Kb / 2P
GaAs Digital Attenuator, 31 dB, 5 Bit DC - 2 GHz
AT15-0001 MACOM-AT15-0001 Datasheet
109Kb / 2P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC - 2.0 GHz
AT20-0273 MACOM-AT20-0273 Datasheet
220Kb / 3P
Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2 GHz
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
MAAD-007078-000100 MACOM-MAAD-007078-000100 Datasheet
280Kb / 6P
Digital Attenuator 31 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT-357 MA-COM-AT-357 Datasheet
61Kb / 3P
GaAs Digital Attenuator 31 dB, 5 - Bit, DC - 2 GHz
AT-357 MA-COM-AT-357_15 Datasheet
632Kb / 4P
GaAs Digital Attenuator 31 dB, 5-Bit, DC-2 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com