Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90-0263 Datasheet (PDF) - Tyco Electronics

AT90-0263 Datasheet PDF - Tyco Electronics
Part # AT90-0263
Download  AT90-0263 Download
File Size   268.56 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz

AT90-0263 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90-0263 Datasheet PDF - Tyco Electronics

Part # AT90-0263
Download  AT90-0263 Click to download

File Size   268.56 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz

AT90-0263 Datasheet (HTML) - Tyco Electronics


AT90-0263 Product details

Description
M/A-COMs AT90-0263 is a GaAs FET 5-bit digital attenuator with integral TTL driver. Step size is 1.0 dB providing 31 dB total attenuation range. This device is in a PQFN plastic surface mount package. The AT90-0263 is ideally suited for use where accuracy, fast speed, very low power consumption and low costs are required.

Features
• Attenuation: 1.0 dB Steps to 31 dB
• Low DC Power Consumption
• Small Footprint, JEDEC Package
• Integral TTL Driver
• 50 ohm Impedance
• Test Boards are Available
• Tape and Reel Packaging Available




Similar Part No. - AT90-0263

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0263 MACOM-AT90-0263 Datasheet
417Kb / 5P
Digital Attenuator 31dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT90-0263 MA-COM-AT90-0263 Datasheet
157Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT90-0263-TB MACOM-AT90-0263-TB Datasheet
417Kb / 5P
Digital Attenuator 31dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT90-0263-TB MA-COM-AT90-0263-TB Datasheet
157Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT90-0263TR MACOM-AT90-0263TR Datasheet
417Kb / 5P
Digital Attenuator 31dB, 5-Bit, TTL Driver, DC-3.0 GHz
More results


Similar Description - AT90-0263

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT15-0001 MACOM-AT15-0001 Datasheet
109Kb / 2P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC - 2.0 GHz
AT20-0263 MACOM-AT20-0263 Datasheet
223Kb / 3P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC - 2 GHz
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAAD-007078-000100 MACOM-MAAD-007078-000100 Datasheet
280Kb / 6P
Digital Attenuator 31 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
MAAD-009170-000100 MA-COM-MAAD-009170-000100 Datasheet
234Kb / 8P
Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com