Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPJ100S Datasheet (PDF) - Voltage Multipliers Inc.

SPJ100S Datasheet PDF - Voltage Multipliers Inc.
Part # SPJ100S
Download  SPJ100S Download
File Size   127.52 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded

SPJ100S Datasheet (PDF)

Go To PDF Page Download Datasheet
SPJ100S Datasheet PDF - Voltage Multipliers Inc.

Part # SPJ100S
Download  SPJ100S Click to download

File Size   127.52 Kbytes
Page   2 Pages
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.
Description High Voltage Rectifier Stacks 50mA ??3000ns ??Axial Leaded

SPJ100S Datasheet (HTML) - Voltage Multipliers Inc.




Similar Part No. - SPJ100S

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SPJ100S VMI-SPJ100S Datasheet
35Kb / 2P
10,000 V - 45,000 V Rectifier Stacks 0.05 A Forward Current 3000 ns Recovery Time
More results


Similar Description - SPJ100S

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
SP25UF VMI-SP25UF Datasheet
71Kb / 1P
High Voltage Rectifier Stacks
logo
New Jersey Semi-Conduct...
SP25UF NJSEMI-SP25UF Datasheet
100Kb / 1P
High Voltage Rectifier Stacks
logo
SUNMATE electronic Co.,...
HVM5 SUNMATE-HVM5 Datasheet
45Kb / 1P
0.35A Axial Leaded High Voltage Rectifier
R2500F SUNMATE-R2500F Datasheet
276Kb / 2P
0.2A Axial Leaded High Voltage Rectifier
R1200F SUNMATE-R1200F Datasheet
246Kb / 2P
0.2/0.5A Axial Leaded High Voltage Rectifier
logo
Voltage Multipliers Inc...
FP50S VMI-FP50S_13 Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??3000ns ??Axial Leaded
FP50UF VMI-FP50UF Datasheet
141Kb / 2P
High Voltage Rectifier Stacks 2.2A ??70ns ??Axial Leaded
K25S VMI-K25S_13 Datasheet
101Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??3000ns ??Axial Leaded
SP50UF VMI-SP50UF_13 Datasheet
95Kb / 2P
High Voltage Rectifier Stacks 0.5A ??70ns ??Axial Leaded
SPJ100F VMI-SPJ100F_13 Datasheet
89Kb / 2P
High Voltage Rectifier Stacks 50mA ??70ns ??Axial Leaded
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com