Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH-140PIN Datasheet (PDF) - Tyco Electronics

CH-140PIN Datasheet PDF - Tyco Electronics
Part # CH-140PIN
Download  CH-140PIN Download
File Size   120.02 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 20 dB Directional Coupler 5 - 1000 MHz

CH-140PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
CH-140PIN Datasheet PDF - Tyco Electronics

Part # CH-140PIN
Download  CH-140PIN Click to download

File Size   120.02 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 20 dB Directional Coupler 5 - 1000 MHz

CH-140PIN Datasheet (HTML) - Tyco Electronics


CH-140PIN Product details

Description
Directional Couplers offer the ability to couple the power in one direction.

Features
■ Broadband Flat Coupling
■ 0.3 dB Typical Insertion Loss
■ 30 dB Typical Directivity
■ MIL-STD-883 Screening Available




Similar Part No. - CH-140PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH-140PIN MACOM-CH-140PIN Datasheet
43Kb / 2P
20dB, Bi-Directional Couplers, 1 - 5000 MHz
logo
M/A-COM Technology Solu...
CH-140PIN MA-COM-CH-140PIN Datasheet
48Kb / 2P
20 dB, Directional Coupler, 5 - 1000 MHz
More results


Similar Description - CH-140PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0059-S MACOM-CH20-0059-S Datasheet
18Kb / 1P
11 dB Directional Coupler 500 - 1000 MHz
CH35-0008-S MACOM-CH35-0008-S Datasheet
15Kb / 1P
20 dB Directional Coupler 5 - 1000 MHz
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
11 dB Directional Coupler 30 - 1000 MHz
logo
Anaren Microwave
XC0900A-20 ANAREN-XC0900A-20 Datasheet
575Kb / 23P
20 dB Directional Coupler
logo
M/A-COM Technology Solu...
CH-132 MA-COM-CH-132 Datasheet
63Kb / 2P
20 dB, Bi-Directional Coupler, 1 - 1000 MHz Rev. V3
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
20 dB, Directional Coupler, 5 - 1000 MHz
logo
Anaren Microwave
X3C09E2-20S ANAREN-X3C09E2-20S Datasheet
632Kb / 23P
20 dB Directional Coupler
X3C19E2-20S ANAREN-X3C19E2-20S Datasheet
639Kb / 23P
20 dB Directional Coupler
logo
M/A-COM Technology Solu...
MACP-008311-CE0370 MA-COM-MACP-008311-CE0370 Datasheet
362Kb / 3P
14 dB Coupler/5-1000 MHz
MACP-008311-CE0370 MA-COM-MACP-008311-CE0370_15 Datasheet
362Kb / 3P
14 dB Coupler/5-1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com