Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH20-0033-17G-RTR Datasheet (PDF) - Tyco Electronics

CH20-0033-17G-RTR Datasheet PDF - Tyco Electronics
Part # CH20-0033-17G-RTR
Download  CH20-0033-17G-RTR Download
File Size   99.81 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz

CH20-0033-17G-RTR Datasheet (PDF)

Go To PDF Page Download Datasheet
CH20-0033-17G-RTR Datasheet PDF - Tyco Electronics

Part # CH20-0033-17G-RTR
Download  CH20-0033-17G-RTR Click to download

File Size   99.81 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz

CH20-0033-17G-RTR Datasheet (HTML) - Tyco Electronics


CH20-0033-17G-RTR Product details

Description
M/A-COM’s CH20-0033-17G is an IC based monolithic bi-directional coupler in a low cost SOIC-8 plastic package. This 17 dB coupler is ideally suited for applications where power monitoring, small size, low insertion loss, superior repeatability, and low cost are required. Typical applications include personal communication systems and other communication applications where size and PCB real estate is a premium. Available in tape and reel.

Features
• Device is Bi-Directional
• Small Size and Low Profile
• Industry Standard SOIC-8 SMT Plastic Package
• Superior Repeatability
• Typical Insertion Loss 0.3 dB
• Typical Directivity 17 dB
• 2 Watt Power Handling




Similar Part No. - CH20-0033-17G-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0033-17G-RTR MACOM-CH20-0033-17G-RTR Datasheet
231Kb / 2P
Low Cost SMT 17dB Bi-Directional Coupler, 1700-2000 MHz
More results


Similar Description - CH20-0033-17G-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0032-17G MACOM-CH20-0032-17G_1 Datasheet
237Kb / 2P
Low Cost SMT 17dB Bi-Directional Coupler, 824-960 MHz
CH20-0033-17G MACOM-CH20-0033-17G_1 Datasheet
231Kb / 2P
Low Cost SMT 17dB Bi-Directional Coupler, 1700-2000 MHz
MACPCC0001 MACOM-MACPCC0001 Datasheet
204Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
MACPCC0002 MA-COM-MACPCC0002 Datasheet
89Kb / 4P
Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
CH20-0033-17G MA-COM-CH20-0033-17G Datasheet
89Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz
MACPCC0001 MA-COM-MACPCC0001 Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler
MACPCC0002 MA-COM-MACPCC0002 Datasheet
89Kb / 4P
Low Cost SMT 17dB Bi-Directional Coupler
MACPCC0001 MA-COM-MACPCC0001_15 Datasheet
90Kb / 4P
Low Cost SMT 17 dB Bi-Directional Coupler
MACPCC0002 MA-COM-MACPCC0002_15 Datasheet
89Kb / 4P
Low Cost SMT 17dB Bi-Directional Coupler
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com