Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGA-7718Z Datasheet (PDF) - RF Micro Devices

CGA-7718Z Datasheet PDF - RF Micro Devices
Part # CGA-7718Z
Download  CGA-7718Z Download
File Size   450.0 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER

CGA-7718Z Datasheet (PDF)

Go To PDF Page Download Datasheet
CGA-7718Z Datasheet PDF - RF Micro Devices

Part # CGA-7718Z
Download  CGA-7718Z Click to download

File Size   450.0 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER

CGA-7718Z Datasheet (HTML) - RF Micro Devices




Similar Part No. - CGA-7718Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Similar Description - CGA-7718Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGR-0218Z RFMD-CGR-0218Z Datasheet
452Kb / 8P
PUSH-PULL 5MHz to 210MHz HIGH LINEARITY InGaP HBT AMPLIFIER
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
logo
Analog Devices
HMC754S8GE AD-HMC754S8GE Datasheet
927Kb / 10P
GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER
logo
Qorvo, Inc
RFCA1008 QORVO-RFCA1008 Datasheet
935Kb / 23P
5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com