Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-4-4TNC Datasheet (PDF) - Tyco Electronics

DS-4-4TNC Datasheet PDF - Tyco Electronics
Part # DS-4-4TNC
Download  DS-4-4TNC Download
File Size   101.08 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband Four-Way Power Divider 2 - 2000 MHz

DS-4-4TNC Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-4-4TNC Datasheet PDF - Tyco Electronics

Part # DS-4-4TNC
Download  DS-4-4TNC Click to download

File Size   101.08 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband Four-Way Power Divider 2 - 2000 MHz

DS-4-4TNC Datasheet (HTML) - Tyco Electronics




Similar Part No. - DS-4-4TNC

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-4-4TNC MA-COM-DS-4-4TNC Datasheet
72Kb / 2P
Broadband Four -Way Power Divider, 2 - 2000 MHz
More results


Similar Description - DS-4-4TNC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
Two-Way Power Divider 1000 - 2000 MHz
DS-409-4 MACOM-DS-409-4 Datasheet
141Kb / 2P
Four-Way Power Divider 10 - 2000 MHz
DS-808-4 MACOM-DS-808-4 Datasheet
135Kb / 2P
Broadband Eight-Way Power Divider 20 - 2000 MHz
H-8-4 MACOM-H-8-4 Datasheet
131Kb / 2P
Broadband Two-Way Power Divider 2 MHz - 2 GHz
logo
M/A-COM Technology Solu...
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
Broadband Four -Way Power Divider, 2 - 2000 MHz
DS-409-4 MA-COM-DS-409-4 Datasheet
77Kb / 2P
Four -Way Power Divider, 10 - 2000 MHz
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
Broadband Eight -Way Power Divider, 20 - 2000 MHz
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
Two-Way Power Divider, 10 - 2000 MHz
H-8-4 MA-COM-H-8-4 Datasheet
71Kb / 2P
Broadband Two-Way Power Divider, 2 MHz - 2 GHz
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
Broadband Four -Way Power Divider
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com