Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

221916B Datasheet (PDF) - Integrated Technology Future

221916B Datasheet PDF - Integrated Technology Future
Part # 221916B
Download  221916B Download
File Size   174.0 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 1dB bandwidth of 18.9 MHz

221916B Datasheet (PDF)

Go To PDF Page Download Datasheet
221916B Datasheet PDF - Integrated Technology Future

Part # 221916B
Download  221916B Click to download

File Size   174.0 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 1dB bandwidth of 18.9 MHz

221916B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 221916B

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
221912C ALPHAWIRE-221912C Datasheet
98Kb / 4P
Customer Specification
12/2/2022
221915C ALPHAWIRE-221915C Datasheet
98Kb / 4P
Customer Specification
12/5/2022
logo
Integrated Technology F...
221917B ITF-221917B Datasheet
174Kb / 2P
Typical 1dB bandwidth of 19.2 MHz
Rev 1.0 2013. 11. 28
logo
Alpha Wire
221919C ALPHAWIRE-221919C Datasheet
98Kb / 4P
Customer Specification
12/12/2022
More results


Similar Description - 221916B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
211002B ITF-211002B Datasheet
171Kb / 2P
Typical 1dB bandwidth of 9.8 MHz
Rev 1.0 2013. 04. 01
220501B ITF-220501B Datasheet
189Kb / 2P
Typical 1dB bandwidth of 5.4 MHz
Rev 1.0 2013. 09. 12
221451B ITF-221451B Datasheet
208Kb / 2P
Typical 1dB bandwidth of 14.35 MHz
Rev 1.0 2010. 09.14
230952B ITF-230952B Datasheet
194Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
231601B ITF-231601B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 15.6 MHz
Rev 1.0 2013. 03. 07
231654B ITF-231654B Datasheet
170Kb / 2P
Typical 1dB bandwidth of 15.85 MHz
Rev 1.0 2010. 05. 20
250930B ITF-250930B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 9.4 MHz
Rev 1.0 2013. 03. 25
251859B ITF-251859B Datasheet
172Kb / 2P
Typical 1dB bandwidth of 18.9 MHz
251860B ITF-251860B Datasheet
149Kb / 2P
Typical 1dB bandwidth of 18.9 MHz
251932B ITF-251932B Datasheet
161Kb / 2P
Typical 1dB bandwidth of 18.9 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com