Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2005300L Datasheet (PDF) - RF Micro Devices

R2005300L Datasheet PDF - RF Micro Devices
Part # R2005300L
Download  R2005300L Download
File Size   264.84 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Si Reverse Hybrid 5MHz to 200MHz (Low Current)

R2005300L Datasheet (PDF)

Go To PDF Page Download Datasheet
R2005300L Datasheet PDF - RF Micro Devices

Part # R2005300L
Download  R2005300L Click to download

File Size   264.84 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description Si Reverse Hybrid 5MHz to 200MHz (Low Current)

R2005300L Datasheet (HTML) - RF Micro Devices




Similar Part No. - R2005300L

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
R2005300L PDI-R2005300L Datasheet
129Kb / 4P
Si Reverse, low current, 5 - 200MHz, 30.0dB typ. Gain @ 200MHz, 140mA max. @ 24VDC
logo
Qorvo, Inc
R2005300L QORVO-R2005300L Datasheet
193Kb / 4P
CATV Reverse Hybrid 200MHz 30dB
More results


Similar Description - R2005300L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
R0605250 RFMD-R0605250 Datasheet
264Kb / 3P
Si Reverse Hybrid 5MHz to 65MHz
R0605300 RFMD-R0605300 Datasheet
268Kb / 3P
Si Reverse Hybrid 5MHz to 65MHz
R2005200P12 RFMD-R2005200P12 Datasheet
266Kb / 3P
GaAs Reverse Hybrid 5MHz to 200MHz
R2005240P12 RFMD-R2005240P12 Datasheet
265Kb / 3P
GaAs Reverse Hybrid 5MHz to 200MHz
R2005280L RFMD-R2005280L Datasheet
265Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
R2005350L RFMD-R2005350L Datasheet
267Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
RFRP3120 RFMD-RFRP3120 Datasheet
200Kb / 3P
5MHz to 300MHz 35dB Reverse Hybrid (Low Current)
logo
Qorvo, Inc
R3005300L QORVO-R3005300L Datasheet
267Kb / 3P
30dB Reverse Hybrid 5MHz to 300MHz (Low Current)
R1005250L QORVO-R1005250L Datasheet
265Kb / 3P
25dB Reverse Hybrid 5MHz to 100MHz (Low Current)
RFRP2920 QORVO-RFRP2920 Datasheet
265Kb / 3P
Si Reverse Hybrid 5MHz to 100MHz (Low Current)
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com