Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2005200P12 Datasheet (PDF) - RF Micro Devices

R2005200P12 Datasheet PDF - RF Micro Devices
Part # R2005200P12
Download  R2005200P12 Download
File Size   266.43 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description GaAs Reverse Hybrid 5MHz to 200MHz

R2005200P12 Datasheet (PDF)

Go To PDF Page Download Datasheet
R2005200P12 Datasheet PDF - RF Micro Devices

Part # R2005200P12
Download  R2005200P12 Click to download

File Size   266.43 Kbytes
Page   3 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description GaAs Reverse Hybrid 5MHz to 200MHz

R2005200P12 Datasheet (HTML) - RF Micro Devices




Similar Part No. - R2005200P12

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
R2005200P12 PDI-R2005200P12 Datasheet
129Kb / 4P
GaAs Reverse, 5 - 200MHz, 20.0dB typ. Gain @ 200MHz, 360mA max. @ 12VDC
More results


Similar Description - R2005200P12

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
R0605250 RFMD-R0605250 Datasheet
264Kb / 3P
Si Reverse Hybrid 5MHz to 65MHz
R0605300 RFMD-R0605300 Datasheet
268Kb / 3P
Si Reverse Hybrid 5MHz to 65MHz
R2005240P12 RFMD-R2005240P12 Datasheet
265Kb / 3P
GaAs Reverse Hybrid 5MHz to 200MHz
R2005280L RFMD-R2005280L Datasheet
265Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
R2005300L RFMD-R2005300L Datasheet
264Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
R2005350L RFMD-R2005350L Datasheet
267Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
R0605250L RFMD-R0605250L Datasheet
262Kb / 3P
25dB Reverse Hybrid 5MHz to 65MHz
logo
Qorvo, Inc
R2005350L QORVO-R2005350L Datasheet
196Kb / 5P
CATV Reverse Hybrid 200MHz 35dB
R2005300L QORVO-R2005300L Datasheet
193Kb / 4P
CATV Reverse Hybrid 200MHz 30dB
R2005280L QORVO-R2005280L Datasheet
193Kb / 4P
CATV Reverse Hybrid 200MHz 28dB
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com