Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2005280L Datasheet (PDF) - Qorvo, Inc

R2005280L Datasheet PDF - Qorvo, Inc
Part # R2005280L
Download  R2005280L Download
File Size   193.83 Kbytes
Page   4 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description CATV Reverse Hybrid 200MHz 28dB

R2005280L Datasheet (PDF)

Go To PDF Page Download Datasheet
R2005280L Datasheet PDF - Qorvo, Inc

Part # R2005280L
Download  R2005280L Click to download

File Size   193.83 Kbytes
Page   4 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description CATV Reverse Hybrid 200MHz 28dB

R2005280L Datasheet (HTML) - Qorvo, Inc




Similar Part No. - R2005280L

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
R2005280L PDI-R2005280L Datasheet
63Kb / 4P
Si Reverse, low current, 5 - 200MHz, 28.2dB typ. Gain @ 200MHz, 135mA max. @ 24VDC
logo
RF Micro Devices
R2005280L RFMD-R2005280L Datasheet
265Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
More results


Similar Description - R2005280L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
R2005200P12 RFMD-R2005200P12 Datasheet
266Kb / 3P
GaAs Reverse Hybrid 5MHz to 200MHz
R2005240P12 RFMD-R2005240P12 Datasheet
265Kb / 3P
GaAs Reverse Hybrid 5MHz to 200MHz
R2005280L RFMD-R2005280L Datasheet
265Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
R2005350L RFMD-R2005350L Datasheet
267Kb / 3P
Si Reverse Hybrid 5MHz to 200MHz (Low Current)
logo
Qorvo, Inc
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
R2005350L QORVO-R2005350L Datasheet
196Kb / 5P
CATV Reverse Hybrid 200MHz 35dB
R2005300L QORVO-R2005300L Datasheet
193Kb / 4P
CATV Reverse Hybrid 200MHz 30dB
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com