Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-327PIN Datasheet (PDF) - Tyco Electronics

DS-327PIN Datasheet PDF - Tyco Electronics
Part # DS-327PIN
Download  DS-327PIN Download
File Size   63.5 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Surface Mount Two-Way Power Divider 5 - 1000 MHz

DS-327PIN Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-327PIN Datasheet PDF - Tyco Electronics

Part # DS-327PIN
Download  DS-327PIN Click to download

File Size   63.5 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Surface Mount Two-Way Power Divider 5 - 1000 MHz

DS-327PIN Datasheet (HTML) - Tyco Electronics




Similar Part No. - DS-327PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-327PIN MACOM-DS-327PIN Datasheet
88Kb / 1P
Flatpack Two-Way Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-327PIN MA-COM-DS-327PIN Datasheet
49Kb / 2P
Flatpack Two-Way Power Divider, 5 - 1000 MHz
More results


Similar Description - DS-327PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-327 MACOM-DS-327 Datasheet
88Kb / 1P
Flatpack Two-Way Power Divider 5 - 1000 MHz
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
Two-Way Power Divider 1000 - 2000 MHz
H-81-4 MACOM-H-81-4 Datasheet
122Kb / 1P
180 Two-Way Power Divider 5 - 1000 MHz
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
Two-Way Power Divider 10 - 1000 MHz
logo
SYNERGY MICROWAVE CORPO...
SPD-5-1000 SYNERGY-SPD-5-1000 Datasheet
227Kb / 2P
4-WAY POWER DIVIDER SURFACE MOUNT WIDE BANDWIDTH 5 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-327 MA-COM-DS-327 Datasheet
49Kb / 2P
Flatpack Two-Way Power Divider, 5 - 1000 MHz
DSS-327 MA-COM-DSS-327 Datasheet
102Kb / 2P
Surface Mount Two-Way Power Divider, 5 - 1000 MHz
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
Two-Way Power Divider, 10 - 1000 MHz
H-81-4 MA-COM-H-81-4 Datasheet
67Kb / 2P
180쨘 Two-Way Power Divider, 5 - 1000 MHz
DSS-327 MA-COM-DSS-327 Datasheet
102Kb / 2P
Surface Mount Two-Way Power Divider
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com