Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6525SR Datasheet (PDF) - RF Micro Devices

RF6525SR Datasheet PDF - RF Micro Devices
Part # RF6525SR
Download  RF6525SR Download
File Size   1523.73 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3.0V TO 4.2V, 2.4GHz FRONT END MODULE

RF6525SR Datasheet (PDF)

Go To PDF Page Download Datasheet
RF6525SR Datasheet PDF - RF Micro Devices

Part # RF6525SR
Download  RF6525SR Click to download

File Size   1523.73 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3.0V TO 4.2V, 2.4GHz FRONT END MODULE

RF6525SR Datasheet (HTML) - RF Micro Devices




Similar Part No. - RF6525SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF65 ETC2-RF65 Datasheet
2Mb / 72P
Low Power Integrated UHF Receiver With -120dBm High Sensitivity
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
RF650-868 RFSOLUTIONS-RF650-868 Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
RF650-EVAL RFSOLUTIONS-RF650-EVAL Datasheet
365Kb / 11P
SMART RADIO TRANSCEIVER
logo
RF Micro Devices
RF6504 RFMD-RF6504 Datasheet
677Kb / 8P
3.3V TO 4.0V, 433MHz TO 470MHz TRANSMIT/RECEIVE FRONT END MODULE
More results


Similar Description - RF6525SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5222 RFMD-RF5222 Datasheet
216Kb / 8P
3.0V TO 4.2V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF6505 RFMD-RF6505 Datasheet
755Kb / 9P
3.2V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
3.0V to 4.2V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
2.0V to 4.0V, 2.4GHz Front End Module
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
2.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com