Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF6525SR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF6525SR
Description  3.0V TO 4.2V, 2.4GHz FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6525SR Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF6525SR Datasheet HTML 3Page - RF Micro Devices RF6525SR Datasheet HTML 4Page - RF Micro Devices RF6525SR Datasheet HTML 5Page - RF Micro Devices RF6525SR Datasheet HTML 6Page - RF Micro Devices RF6525SR Datasheet HTML 7Page - RF Micro Devices RF6525SR Datasheet HTML 8Page - RF Micro Devices RF6525SR Datasheet HTML 9Page - RF Micro Devices RF6525SR Datasheet HTML 10Page - RF Micro Devices RF6525SR Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 of 11
RF6525
DS111110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is 3
inch
to 8
inch gold over 180inch nickel.
PCB Land Pattern Recommendation
PCB land patterns for RFMD components are based on IPC-7351 standards and RFMD empirical data. The pad pattern shown
has been developed and tested for optimized assembly at RFMD. The PCB land pattern has been developed to accommodate
lead and package tolerances. Since surface mount processes vary from company to company, careful process development is
recommended.
PCB Metal Land and Solder Mask Pattern
Thermal vias for center slug “C” should be incorporated into the PCB design. The number and size of thermal vias will depend
on the application, the power dissipation, and this electrical requirements. Example of the number and size of vias can be
found on the RFMD evaluation board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com