Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA4005 Datasheet (PDF) - RF Micro Devices

RFDA4005 Datasheet PDF - RF Micro Devices
Part # RFDA4005
Download  RFDA4005 Download
File Size   1857.47 Kbytes
Page   15 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz

RFDA4005 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFDA4005 Datasheet PDF - RF Micro Devices

Part # RFDA4005
Download  RFDA4005 Click to download

File Size   1857.47 Kbytes
Page   15 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz

RFDA4005 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFDA4005

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
RFDA4005PCK-410 QORVO-RFDA4005PCK-410 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
RFDA4005SQ QORVO-RFDA4005SQ Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
RFDA4005SR QORVO-RFDA4005SR Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
RFDA4005TR13 QORVO-RFDA4005TR13 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
More results


Similar Description - RFDA4005

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RDA1005L RFMD-RDA1005L Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 50MHZ TO 4000MHZ, 6 BIT
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
Digital Controlled Variable Gain Amplifier
logo
Qorvo, Inc
RFDA4005 QORVO-RFDA4005 Datasheet
1Mb / 15P
6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
logo
Maxim Integrated Produc...
MAX19791 MAXIM-MAX19791_V01 Datasheet
4Mb / 24P
50MHz to 4000MHz Dual Analog Voltage Variable 50MHz to 4000MHz Dual Analog Voltage Variable
2015
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com