Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFDA4005 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFDA4005
Description  6-Bit, Digital Controlled Variable Gain Amplifier 50MHz to 4000MHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFDA4005 Datasheet(HTML) 2 Page - RF Micro Devices

  RFDA4005 Datasheet HTML 1Page - RF Micro Devices RFDA4005 Datasheet HTML 2Page - RF Micro Devices RFDA4005 Datasheet HTML 3Page - RF Micro Devices RFDA4005 Datasheet HTML 4Page - RF Micro Devices RFDA4005 Datasheet HTML 5Page - RF Micro Devices RFDA4005 Datasheet HTML 6Page - RF Micro Devices RFDA4005 Datasheet HTML 7Page - RF Micro Devices RFDA4005 Datasheet HTML 8Page - RF Micro Devices RFDA4005 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140902
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 15
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5.5
V
DC Supply Current
110
mA
Power Dissipation
605
mW
Maximum RF Input Power
20
dBm
Storage Temperature Range
-40 to +150
°C
ESD Rating
– HBM
1000 (Class 1C)
V
ESD Rating
– CDM
1000 (Class 3C)
V
Moisture Sensitivity Level
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-40
+85
°C
Operating Junction Temperature
1
165
°C
Supply Voltage
4.75
5
5.25
V
Note 1: MTTF = 1.0E6 hours at 165°C junction temperature
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
Temp = 25°C, VDD = 5V
Frequency Range
50
4000
MHz
Gain Max
17.5
19
20.5
dB
500MHz, 0dB attenuation
15.5
17.5
18.5
dB
2700MHz
Step Accuracy
+ (0.1+5%
Attenuation Setting)
dB
Output P1dB
20
dBm
1900MHz
19
dBm
2700MHz
Output IP3
36
dBm
1900MHz
33
dBm
2700MHz
Control Interface
6
Bit
Serial mode
Settling Time
250
nsec
TON, TOFF (10 / 90% RF)
Noise Figure
6.3
dB
1900MHz
Impedance
50
Ω
Input Return Loss
-15
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com